Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS6685 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDS6685
Description  30V P-Channel PowerTrench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDS6685 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDS6685 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDS6685 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
KDS6685
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID = -250
A
-30
V
Breakdown Voltage Temperature Coefficient
ID =-250
A, Referenced to 25
-21
mV/
Zero Gate Voltage Drain Current
IDSS
VDS =-24 V, VGS =0V
-1
A
Gate-Body Leakage, Forward
IGSSF
VGS = 25V, VDS = 0 V
100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS =-25 V, VDS = 0 V
-100
nA
Gate Threshold Voltage(Not 2)
VGS(th)
VDS =VGS,ID =-250
A
-1
-1.7
-3
V
Gate Threshold Voltage Temperature
Coefficient(Not 2)
ID =-250
A, Referenced to 25
5
mV/
VGS =-10 V, ID =-8.8 A
15
24
VGS =-4.5V, ID = -6.7 A
22
32
VGS =-10 V, ID =-8.8 A,TJ = 125
19
39
On-State Drain Current
ID(on)
VGS =-10 V, VDS =-5V
-25
A
Forward Transconductance
gFS
VDS =-5V, ID = -8.8A
24
S
Input Capacitance
Ciss
1604
pF
Output Capacitance
Coss
408
pF
Reverse Transfer Capacitance
Crss
202
pF
Turn-On Delay Time
td(on)
13
23
ns
Turn-On Rise Time
tr
13.5
24
ns
Turn-Off Delay Time
td(off)
42
68
ns
Turn-Off Fall Time
tf
25
40
ns
Total Gate Charge
Qg
17
24
nC
Gate-Source Charge
Qgs
5nC
Gate-Drain Charge
Qgd
6nC
Maximum Continuous Drain-Source Diode
Forward Current
IS
-2.1
A
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS = -2.1A (Not 2)
-0.73
-1.2
V
VDS =-15 V, ID =-8.8 A,VGS=-5V(Note 2)
m
RDS(on)
Static Drain-Source On-Resistance(Not 2)
VDD =-15 V, ID =-1A,VGS =-10 V, RGEN
=6
(Note 2)
VDS =-15 V, VGS =0V,f = 1.0MHz


Similar Part No. - KDS6685

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - KDS6685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com