Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2159 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2159
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2159 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2159 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
1. Source
2. Drain
3. Gate
1
2
3
1Gate
2Drain
3Source
MOS Field Effect Transistor
2SK2159
Features
Capable of drive gate with 1.5 V
Small RDS(on)
RDS(on) =0.7
MAX. @VGS =1.5 V, ID =0.1 A
RDS(on) =0.3
MAX. @VGS =4.0 V, ID =1.0 A
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
14
V
ID
2.0
A
Idp *
4.0
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10ms,Duty Cycle
50%
Drain current
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=60V,VGS=0
1.0
A
Gate leakage current
IGSS
VGS=
14V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
0.5
0.9
1.1
V
Forward transfer admittance
Yfs
VDS=10V,ID=1.0A
0.4
S
VGS=1.5V,ID=0.1A
0.55
0.7
VGS=2.5V,ID=1.0A
0.27
0.5
VGS=4.0V,ID=1.0A
0.22
0.3
Input capacitance
Ciss
319
pF
Output capacitance
Coss
109
pF
Reverse transfer capacitance
Crss
22
pF
Turn-on delay time
td(on)
38
ns
Rise time
tr
128
ns
Turn-off delay time
td(off)
237
ns
Fall time
tf
130
ns
VDS=10V,VGS=0,f=1MHZ
ID=1.0A,VGS(on)=3V,RL=25
,RG=10
,VDD=25V
Drain to source on-state resistance
RDS(on)
Marking
Marking
NW


Similar Part No. - 2SK2159

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
VBsemi Electronics Co.,...
2SK2159 VBSEMI-2SK2159 Datasheet
1,020Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2159 RENESAS-2SK2159 Datasheet
264Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2159-HF KEXIN-2SK2159-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
2SK2159 KEXIN-2SK2159_15 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK2159

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com