Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ210 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ210
Description  MOS Fied Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ210 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ210 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
1GATE
2 SOURCE
3 DRAIN
www.kexin.com.cn
MOS Fied Effect Transistor
2SJ210
Features
Directly driven by Ics having a 5V poer supply.
Not necessary to consider driving current because of
its high input impedance.
Possible to reduce the number of parts by omitting the biasresistor.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Draintosourcevoltage VGS=0
VDSS
-60
V
Gate to source voltage
VDS=0
VGSS
20
V
Drain current (DC)
ID
200
mA
Drain current(pulse) *
ID
400
mA
Power dissipation
PD
200
m W
Channel temperature
Tch
150
Storage temperature
Tstg
-55 to +150
*PW
10 ms; d
50%.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-60V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gate cut-off voltage
VGS(off)
VDS=-5.0V,ID=-1
A
-1.4
-1.8
-2.4
V
Forward transfer admittance
Yfs
VDS=-5.0V,ID=-10mA
20
45
ms
VGS=-4.0V,ID=-10mA
10
15
VGS=-10V,ID=-10mA
6
10
Input capacitance
Ciss
27
pF
Output capacitance
Coss
21
pF
Reverse transfer capacitance
Crss
3pF
Turn-on delay time
td(on)
120
ns
Rise time
tr
190
ns
Turn-off delay time
td(off)
150
ns
Fall time
tf
180
ns
VDS=-5.0V,VGS=0,f=1MHZ
VGS(on)=-4V,RG=10
,VDD=-5V,ID=-
10mA RL=500
Drain to source on-state resistance
RDS(on)
Marking
Marking
H16


Similar Part No. - 2SJ210

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ210 NEC-2SJ210 Datasheet
365Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SJ210 RENESAS-2SJ210 Datasheet
343Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ210 KEXIN-2SJ210 Datasheet
998Kb / 3P
   P-Channel MOSFET
2SJ210-3 KEXIN-2SJ210-3 Datasheet
1Mb / 3P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SJ210-T1B-A VBSEMI-2SJ210-T1B-A Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ210

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ185 KEXIN-2SJ185 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ205 KEXIN-2SJ205 Datasheet
43Kb / 1P
   MOS Fied Effect Transistor
2SJ207 KEXIN-2SJ207 Datasheet
43Kb / 1P
   MOS Fied Effect Transistor
2SJ213 KEXIN-2SJ213 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ211 KEXIN-2SJ211 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
2SJ212 KEXIN-2SJ212 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ179 KEXIN-2SJ179 Datasheet
45Kb / 1P
   MOS Fied Effect Transistor
2SJ209 KEXIN-2SJ209 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
2SJ166 KEXIN-2SJ166 Datasheet
44Kb / 1P
   MOS Fied Effect Transistor
2SJ204 KEXIN-2SJ204 Datasheet
43Kb / 1P
   MOS Fied Effect Transistor
2SJ203 KEXIN-2SJ203 Datasheet
42Kb / 1P
   MOS Fied Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com