Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ356 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ356
Description  MOS Field Effect Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ356 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ356 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ356 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-60V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
16/+10V,VDS=0
10
A
Gate cut-off voltage
VGS(off)
VDS=-10V,ID=-1mA
-1.0
-1.4
-2.0
V
Forward transfer admittance
Yfs
VDS=-10V,ID=-1.0A
1.0
S
VGS=-4V,ID=-1.0A
0.65
0.95
VGS=-10V,ID=-1.0A
0.41
0.50
Input capacitance
Ciss
270
pF
Output capacitance
Coss
145
pF
Reverse transfer capacitance
Crss
55
pF
Turn-on delay time
td(on)
4.3
ns
Rise time
tr
21
ns
Turn-off delay time
td(off)
115
ns
Fall time
tf
75
ns
Total Gate Charge
Qg
11.6
nC
Gate to Source Charge
QGS
1.0
nC
Gate Drain Charge
QGD
3.8
nC
Reverse Recovery time
trr
82
ns
Reverse Recovery Charge
Qrr
94
nC
VGS=-10V,ID=-2.0A,VDD=-48V,IG=-2mA
IF=2.0A,VGS=0,di/dt=50A/
s
VDS=-10V,VGS=0,f=1MHZ
VGS(on)=-10V,VDD=-25V,ID=--1A RL=255
,RG=10
Drain to source on-state resistance
RDS(on)
2SJ356


Similar Part No. - 2SJ356

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ356 NEC-2SJ356 Datasheet
68Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
VBsemi Electronics Co.,...
2SJ356 VBSEMI-2SJ356 Datasheet
959Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ356 RENESAS-2SJ356 Datasheet
269Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
More results

Similar Description - 2SJ356

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2479 KEXIN-2SK2479 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
2SK2481 KEXIN-2SK2481 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2499 RENESAS-2SK2499 Datasheet
343Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1997
logo
Guangdong Kexin Industr...
2SK2484 KEXIN-2SK2484 Datasheet
43Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2365 RENESAS-2SK2365 Datasheet
256Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ605 KEXIN-2SJ605 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com