Electronic Components Datasheet Search |
|
TS80C32X2-VIAR Datasheet(PDF) 1 Page - TEMIC Semiconductors |
|
TS80C32X2-VIAR Datasheet(HTML) 1 Page - TEMIC Semiconductors |
1 / 54 page Rev. B - Jan. 25, 1999 1 Preliminary TS80C52X2 8-bit CMOS Microcontroller 0-60 MHz 1. Description TEMIC TS80C52X2 is high performance CMOS ROM, OTP, EPROM and ROMless versions of the 80C51 CMOS single chip 8-bit microcontroller. The TS80C52X2 retains all features of the TEMIC 80C51 with extended ROM/EPROM capacity (8 Kbytes), 256 bytes of internal RAM, a 6-source , 4-level interrupt system, an on-chip oscilator and three timer/ counters. In addition, the TS80C52X2 has a dual data pointer, a more versatile serial channel that facilitates multiprocessor communication (EUART) and a X2 speed improvement mechanism. The fully static design of the TS80C52X2 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The TS80C52X2 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the interrupt system are still operating. In the power-down mode the RAM is saved and all other functions are inoperative. 2. Features q 80C52 Compatible • 8051 pin and instruction compatible • Four 8-bit I/O ports • Three 16-bit timer/counters • 256 bytes scratchpad RAM q High-Speed Architecture • 40 MHz @ 5V, 30MHz @ 3V • X2 Speed Improvement capability (6 clocks/ machine cycle) 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to 60 MHz @ 5V, 40 MHz @ 3V) q Dual Data Pointer q On-chip ROM/EPROM (8K-bytes) q Programmable Clock Out and Up/Down Timer/ Counter 2 q Asynchronous port reset q Interrupt Structure with • 6 Interrupt sources, • 4 level priority interrupt system q Full duplex Enhanced UART • Framing error detection • Automatic address recognition q Low EMI (inhibit ALE) q Power Control modes • Idle mode • Power-down mode • Power-off Flag q Once mode (On-chip Emulation) q Power supply: 4.5-5V, 2.7-5.5V q Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC) q Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP F1 (13.9 footprint), CQPJ44 (window), CDIL40 (window) |
Similar Part No. - TS80C32X2-VIAR |
|
Similar Description - TS80C32X2-VIAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |