Electronic Components Datasheet Search |
|
XC6416GH26ER Datasheet(PDF) 3 Page - Torex Semiconductor |
|
XC6416GH26ER Datasheet(HTML) 3 Page - Torex Semiconductor |
3 / 30 page 3/30 XC6416 Series ③④ VR1 VR2 ③④ VR1 VR2 ③④ VR1 VR2 01 1.80 2.80 11 1.30 1.50 21 1.50 2.80 02 1.20 2.90 12 2.80 2.80 22 1.80 3.00 03 1.80 1.80 13 2.50 3.30 23 1.85 2.80 04 1.50 2.70 14 3.00 3.30 24 1.85 3.30 05 2.85 2.85 15 1.20 1.80 25 2.60 2.80 06 1.80 3.30 16 2.80 3.30 26 1.50 1.50 07 3.00 3.00 17 3.30 3.30 27 2.00 3.00 08 2.80 1.80 18 3.10 3.10 28 3.30 1.80 09 1.20 1.20 19 2.80 1.50 29 3.30 1.75 10 1.10 1.30 20 1.30 2.80 31 1.20 2.80 SYMBOL DESCRIPTION SYMBOL DESCRIPTION A Output accuracy 1%, SOT-26 Auto GO, No CL discharge B Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge C Output accuracy 1%, USP-6C GO selection pin, No CL discharge D Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge E Output accuracy 2%, SOT-26 Auto GO, No CL discharge F Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge G Output accuracy 2%, USP-6C GO selection pin, No CL discharge ① Type of Regulator EN1= High Active H Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge A Output accuracy 1%, SOT-26 Auto GO, No CL discharge B Output accuracy 1%, SOT-26 Auto GO, Auto CL discharge C Output accuracy 1%, USP-6C GO selection pin, No CL discharge D Output accuracy 1%, USP-6C GO selection pin, Auto CL discharge E Output accuracy 2%, SOT-26 Auto GO, No CL discharge F Output accuracy 2%, SOT-26 Auto GO, Auto CL discharge G Output accuracy 2%, USP-6C GO selection pin, No CL discharge ② Type of Regulator EN2= High Active H Output accuracy 2%, USP-6C GO selection pin, Auto CL discharge ③④ Two Output Voltage Combination 01~ Internally set sequential number (refer to the table below) Regulator 1 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments) Regulator 2 Output Voltage Range: 0.8 ~ 4.0V (0.05V increments) MR SOT-26 ⑤⑥ Packages Taping Type (*1) ER USP-6C ■PRODUCT CLASSIFICATION ●Ordering Information XC6416①②③④⑤⑥ ●DESIGNATOR③④ *For other output voltage combinations, please consult to Torex sales offices. (*1) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦) |
Similar Part No. - XC6416GH26ER |
|
Similar Description - XC6416GH26ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |