Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U642B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U642B
Description  Automotive Wipe/Wash or Interval Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U642B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U642B Datasheet HTML 1Page - TEMIC Semiconductors U642B Datasheet HTML 2Page - TEMIC Semiconductors U642B Datasheet HTML 3Page - TEMIC Semiconductors U642B Datasheet HTML 4Page - TEMIC Semiconductors U642B Datasheet HTML 5Page - TEMIC Semiconductors U642B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U642B
TELEFUNKEN Semiconductors
Rev. A1, 13-Feb-97
2 (6)
Pin Configuration
Pin
Symbol
Function
1
GND
Ground
2
Input 1
Interval switch
3
tc
Timing capacitor C2
4
R4
Afterwiping time resistance
5
WIWA
Wipe/Wash switch
6
S1
Park switch for wiper motor
7
RELAY
Relay control output
8
+VBatt
Supply voltage KI. 15
+VBatt
RELAY
WIWA
GND
Input 1
R4
tc
1
2
3
4
8
7
6
5
U642B
93 7691
S1
Figure 2. Pinning
Circuit Description
Interval Function, Pin 2
By closing the internal switch, S2, to supply voltage,
+VBatt, the motor is activated. The internal current source
(Pin 3) which holds the capacitor C2 in charged state is
switched-OFF. As soon as there is a positive potential at
the park switch (S1), current source F (see figure 1)
charges the capacitor C2 very fast. After the wiper
operation is finished, S1 is again at ground potential, the
relay is in OFF position – interval pause begins – the
capacitor C2 is discharged through the current source C,
till the voltage at Pin 3 is below the threshold of 2 V.
Interval pause can be adjusted between 4 s to 20 s with the
help of potentiometer R3. Now the relay switches ON and
the next interval cycle begins. Opening switch S2 causes
current source A to discharge C2 immediately and current
sources C and F are switched-OFF.
Wipe/Wash (WIWA) Operation, Pin 5
By closing the WIWA-switch, S3, to supply voltage,
+VBatt, water pump starts spraying the water on the wind-
screen, the current source A is switched-OFF which keeps
the capacitor C2 in discharged state. Now the capacitor is
charged through the current sources D and F, and when af-
ter a time interval of approximately 100 ms, the voltage
at the capacitor is greater than 6.5 V, the relay is turned
on as long as the switch ”WIWA” is closed.
The after-wipe-time begins after the switch is open
whereas the sources D and F are switched OFF and the
source E is activated. Source E discharges the capacitor
till the voltage is less than 2.2 V. The relay is OFF and the
wiper-motor is switched OFF. The after-wipe-time is
determined by the current source E which can be
regulated with the external resistor RTime. Afterwards the
source A discharges the capacitor. Relay switch OFF is
independent of the park switch S1.
Interval and WIWA Functions
The interval function is interrupted immediately when the
switch S2 is activated. The current source A discharges
the capacitor to a value of 2 V, afterwards the normal S2
function starts.
Interval wiping starts immediately when the after-wipe-
time is over. The switching delays are slightly shorter,
because the capacitor is already charged to a value of 2 V.
The Wipe/Wash function is not interrupted when interval
switch S2 is activated. Interval function begins after the
WIWA function is over.


Similar Part No. - U642B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B-FP ATMEL-U642B-FP Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U642B-MFPG3Y ATMEL-U642B-MFPG3Y Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
More results

Similar Description - U642B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com