Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX69-25 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX69-25
Description  PNP Silicon AF Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX69-25 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX69-25 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX69-25 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
www.kexin.com.cn
PNP Silicon AF Transistors
BCX69
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Peak collector current
ICM
2A
Base current
IB
100
mA
Peak base current
IBM
200
mA
Total power dissipation
Ptot
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Junction - soldering point
RthJS
20
K/W


Similar Part No. - BCX69-25

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX69-25 ZETEX-BCX69-25 Datasheet
16Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX69-25 SIEMENS-BCX69-25 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX69-25 INFINEON-BCX69-25 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Galaxy Semi-Conductor H...
BCX69-25 BILIN-BCX69-25 Datasheet
225Kb / 4P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX69-25 INFINEON-BCX69-25 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
More results

Similar Description - BCX69-25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com