Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4734A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4734A
Description  Silicon Power Z-Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4734A Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4734A Datasheet HTML 1Page - Vishay Siliconix 1N4734A Datasheet HTML 2Page - Vishay Siliconix 1N4734A Datasheet HTML 3Page - Vishay Siliconix 1N4734A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4728A...1N4761A
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85587
Type
VZnom 1)
IZT
for
rzjT
rzjk
at
IZK
IR
at
VR
1N4728A
3.3
76
< 10
< 400
1.0
< 100
1
1N4729A
3.6
69
< 10
< 400
1.0
< 100
1
1N4730A
3.9
64
< 9
< 400
1.0
< 50
1
1N4731A
4.3
58
< 9
< 400
1.0
< 10
1
1N4732A
4.7
53
< 8
< 500
1.0
< 10
1
1N4733A
5.1
49
< 7
< 550
1.0
< 10
1
1N4734A
5.6
45
< 5
< 600
1.0
< 10
2
1N4735A
6.2
41
< 2
< 700
1.0
< 10
3
1N4736A
6.8
37
< 3.5
< 700
1.0
< 10
4
1N4737A
7.5
34
< 4.0
< 700
0.5
< 10
5
1N4738A
8.2
31
< 4.5
< 700
0.5
< 10
6
1N4739A
9.1
28
< 5.0
< 700
0.5
< 10
7
1N4740A
10
25
< 7
< 700
0.25
< 10
7.6
1N4741A
11
23
< 8
< 700
0.25
< 5
8.4
1N4742A
12
21
< 9
< 700
0.25
< 5
9.1
1N4743A
13
19
< 10
< 100
0,25
< 5
9.9
1N4744A
15
17
< 14
< 700
0.25
< 5
11.4
1N4745A
16
15.5
< 16
< 700
0.25
< 5
12.2
1N4746A
18
14
< 20
< 750
0.25
< 5
13.7
1N4747A
20
12.5
< 22
< 750
0.25
< 5
15.2
1N4748A
22
11.5
< 23
< 750
0.25
< 5
16.7
1N4749A
24
10.5
< 25
< 750
0.25
< 5
18.2
1N4750A
27
9.5
< 35
< 750
0.25
< 5
20.6
1N4751A
30
8.5
< 40
< 1000
0.25
< 5
22.8
1N4752A
33
7.5
< 45
< 1000
0.25
< 5
25.1
1N4753A
36
7.0
< 50
< 1000
0.25
< 5
27.4
1N4754A
39
6.5
< 60
< 1000
0.25
< 5
29.7
1N4755A
43
6.0
< 70
< 1500
0.25
< 5
32.7
1N4756A
47
5.5
< 80
< 1500
0.25
< 5
35.8
1N4757A
51
5.0
< 95
< 1500
0.25
< 5
38.8
1N4758A
56
4.5
< 110
< 2000
0.25
< 5
42.6
1N4759A
62
4.0
< 125
< 2000
0.25
< 5
47.1
1N4760A
68
3.7
< 150
< 2000
0.25
< 5
51.7
1N4761A
75
3.3
< 175
< 2000
0.25
< 5
56.0
1) Based on dc–measurement at thermal equilibrium while maintaining the
lead temperature (TL) at 30°C + 1°C, 9.5mm (3/8”) from the diode body.


Similar Part No. - 1N4734A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4734A PHILIPS-1N4734A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4734A VISHAY-1N4734A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4734A SEMTECH_ELEC-1N4734A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Continental Device Indi...
1N4734A CDIL-1N4734A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Sangdest Microelectroni...
1N4734A SMC-1N4734A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Similar Description - 1N4734A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
ZPY10B DIOTEC-ZPY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes
logo
New Jersey Semi-Conduct...
ZX3.9 NJSEMI-ZX3.9 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com