Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4701 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N4701
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4701 Datasheet(HTML) 3 Page - Vishay Siliconix

  1N4701 Datasheet HTML 1Page - Vishay Siliconix 1N4701 Datasheet HTML 2Page - Vishay Siliconix 1N4701 Datasheet HTML 3Page - Vishay Siliconix 1N4701 Datasheet HTML 4Page - Vishay Siliconix 1N4701 Datasheet HTML 5Page - Vishay Siliconix 1N4701 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
3 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
1.) Toleranzing and voltage designation (VZ).
The type numbers shown have a standard tolerance of
± 5% on the nominal zener voltage.
2.) Maximum zener current ratings (IZM).
Maximum zener current ratings are based on maximum zener voltage of the individual units.
3.) Reverse leakage current (IR).
Reverse leakage currents are guaranteed and measured at VR as shown on the table.
4.) Maximum voltage change (
DVZ).
Voltage change is equal to the difference between VZ at 100mA and VZ at 10mA.
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj =25°C
Figure 2. Typical Change of Working Voltage
under Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 3. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 4. Temperature Coefficient of Vz vs.
Z–Voltage


Similar Part No. - 1N4701

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4701 CDI-DIODE-1N4701 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Digitron Semiconductors
1N4701 DIGITRON-1N4701 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
General Semiconductor
1N4701 GE-1N4701 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
1N4701 MCC-1N4701 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4701 KNOX-1N4701 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com