Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1 Datasheet(PDF) 3 Page - Allen-Bradley

Part # GS1
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

GS1 Datasheet(HTML) 3 Page - Allen-Bradley

  GS1 Datasheet HTML 1Page - Allen-Bradley GS1 Datasheet HTML 2Page - Allen-Bradley GS1 Datasheet HTML 3Page - Allen-Bradley GS1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-54
Interlock Switches
Non contact Switches
Ferrogard Applications
Application Details
Encapsulated in the Ferrogard is a unique high power industrial reed,
capable of switching up to 15A. The need switch is de-rated by a
non resettable overload protection fuse. On presenting the actuator
to the switch, the high intensity magnetic field from the actuator
causes the contacts to close. On removing the actuator (opening
the door), the safety contacts open.
Mounting Example 1
Door Closed, Machine RUN
Door Opened, Machine STOP, Door Covering Switch
Note: Whenever possible, the units should be mounted so that no access can be obtained to the switch when the guard door is open, thus preventing
attempts to defeat the safety system.
No access to switch thus
preventing attempts to defeat
the interlock.
Sliding Door
Sliding Door
2mm
Mounting Example 2
2mm
Min 50mm
Switch
Switch
Actuator
Actuator
Door 1
Door 2
It is advisable, where possible, to mount the switch and
actuator on nonferrous materials otherwise it may effect the
operating distances. If mounting on ferrous material, use of a
5mm plastic spacer is recommended.
Operating Principle


Similar Part No. - GS1

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09F YUANDEAN-GS1-S09F Datasheet
269Kb / 2P
   AC-DC Converter
More results

Similar Description - GS1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com