Electronic Components Datasheet Search |
|
800Z-GL2244- Datasheet(PDF) 3 Page - Allen-Bradley |
|
800Z-GL2244- Datasheet(HTML) 3 Page - Allen-Bradley |
3 / 4 page 11-4 Two-Hand Control Devices Zero-Force Touch Buttons 800Z General Purpose Accessories Description Colour Catalogue Number These guards prevent accidental activation of the touch button surface and protect it from damage. Can be used for both the 22.5mm and 30.5mm mounting products. Yellow 800Z-G3AG1 Black 800Z-G3AG2 Mounting Ring Nut for 22.5mm holes. Used on 22.5mm devices. Plastic 800Z-G2AH1 Mounting Ring Nut for 30.5mm holes. Used on 30.5mm devices. Plastic 800Z-G3AH1 30.5mm Swivel/Tilt Mounting Assembly This bracket allows you to orient the touch button in any position. It can be mounted on any vertical or horizontal surface. Compatible with 30.5mm mounting only. 57mm (2.25in) Extension 60-2681 29mm (1.15in) Extension 60-2439 30.5mm to 22.5mm Hole Size Adaptor This adaptor allows a 22.5mm push button operator to be installed in a panel with existing 30.5mm mounting holes. Shiny Metal 800E-AHA1 Black Metal 800E-AHA2 Guards Plastic Mounting Kit Plastic Mounting Kit Swivel Assembly Adaptor |
Similar Part No. - 800Z-GL2244- |
|
Similar Description - 800Z-GL2244- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |