Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440T-MSALE10 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-MSALE10
Description  Access/Chain Interlocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MSALE10 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-MSALE10 Datasheet HTML 1Page - Allen-Bradley 440T-MSALE10 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-22
Prosafe Trapped Key Interlock Switches
Access/Chain Interlocks
Description
The access interlocks are designed to allow access to hazardous areas
when an appropriate key is inserted into the interlock. These access
interlocks are manufactured in 316L stainless steel to provide
rugged, industrial grade method of helping prevent access through
gates. They are actuated by either a lever or a rod which is connected
to chain.
One advantage of the access interlocks is that there is no need to run
power wires to the gate. Power is disconnected by a trapped key
rotary switch on a control panel and the key is then hand-carried to
the gate by the operator.
The Single key Access interlock (SAL) and Single-key Chain lock
(SCL) are designed to be used to access hazardous areas where
partial body exposure is required. If two keys are needed for partial
body access, select the dual-key access interlock (DAL) or dual-key
chain lock (DCL) with both keys trapped.
When whole body access is needed, the DAL or DCL, with one key
trapped and one key free should be used. The secondary key serves
the function of a personnel key. The DAL and DCL allow the
operator to carry the personnel key into the hazardous area. When
the operator returns from the hazardous area and returns the
personnel key to the DAL or DCL, the locking sequence can be
reversed and the process restarted.
Features
• 316L Stainless steel construction
• Single and dual key units
• Direct drive operation
• Fitted with tamper resistant screws
• Stainless steel dust cap as standard
• Replaceable code barrel assembly
The Prosafe Advantage
Single
Dual
Stainless steel
construction.
Specifications
Standards
EN292-1&2, EN1088, ISO12100-1&2,
ISO14119, AS4024.1
Category
Cat. 1 per EN 954-1 (ISO 13849-1)
Suitable for Cat. 2, 3, or 4 systems
Approvals
BG, CE marked for all applicable
directives, and C-Tick not required
Misalignment
+/-10mm (0.39in)
Max. Shear Force to Key
15.1kN (3398lbs)
Max. Torque to Key
14Nm (124lb•in)
Operating Temperature
-40°C to +200°C (-40°F to +392°F)
Humidity
95% RH
Material
316L stainless steel
Mounting
SAL and SCL
DAL and DCL
2 or 4 x M5 Counterbored from Top or
2 or 4 x M5 from Underside with Nuts
4 or 6 x M5 Counterbored from Top or
4 or 6 x M5 from Underside with Nuts
Weight
SAL and SCL
DAL and DCL
0.8kg (1.8lbs)
1.35kg (3lbs)
Mechanical Life
100,000


Similar Part No. - 440T-MSALE10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSBLE10 ALLEN-BRADLEY-440T-MSBLE10 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE11 ALLEN-BRADLEY-440T-MSBLE11 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE12 ALLEN-BRADLEY-440T-MSBLE12 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE13 ALLEN-BRADLEY-440T-MSBLE13 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
   Switchgear Adaptors
More results

Similar Description - 440T-MSALE10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSBLE10 ALLEN-BRADLEY-440T-MSBLE10 Datasheet
75Kb / 2P
   Bolt Interlocks
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
440T-VMVLE10 ALLEN-BRADLEY-440T-VMVLE10 Datasheet
56Kb / 1P
   Miniature Valve Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR9R ALLEN-BRADLEY-MSR9R Datasheet
26Kb / 1P
   Position (Limit) Interlocks
logo
D+H Mechatronic AG
CDC-0252-0350-1-TMS DH-CDC-0252-0350-1-TMS Datasheet
195Kb / 2P
   Chain drives
CDC-TW-0502-0500-1-ACB DH-CDC-TW-0502-0500-1-ACB Datasheet
423Kb / 3P
   Chain drives
CDC-TW-0502-0800-1-ACB DH-CDC-TW-0502-0800-1-ACB Datasheet
420Kb / 3P
   Chain drives
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com