Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440T-MSBLE13 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440T-MSBLE13
Description  Bolt Interlocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MSBLE13 Datasheet(HTML) 2 Page - Allen-Bradley

  440T-MSBLE13 Datasheet HTML 1Page - Allen-Bradley 440T-MSBLE13 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prosafe Trapped Key Interlock Switches
5-21
Bolt Interlocks
Product Selection
Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Substitute the desired secondary code for this symbol (key included). See page 5-6 for code selection.
Accessories
➊ Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Substitute the desired code for this symbol. See page 5-6 for code selection.
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
➋ Standard Retracted Projections 0, 3, 6 & 13 (0, 0.11, 0.23 & 0.51) Extension 14 (0.55)
Type
Trapped Condition
Bolt Retracted—mm (inches)
Bolt Extended—mm (inches)
Catalogue Number
Single Key
Key Trapped to
Bolt Retract
0
14 (0.55)
440T-MSBLE10➊
3 (0.11)
17 (0.66)
440T-MSBLE11➊
6 (0.23)
20 (0.78)
440T-MSBLE12➊
12 (0.47)
27 (1.06)
440T-MSBLE13➊
Dual Key
Both Keys Trapped to
Retract Bolt
0
14 (0.55)
440T-MDBLE10➊➊
3 (0.11)
17 (0.66)
440T-MDBLE11➊➊
6 (0.23)
20 (0.78)
440T-MDBLE12➊➊
13 (0.51)
27 (1.06)
440T-MDBLE13➊➊
Primary Key Trapped,
Secondary Key Free to
Retract Bolt
0mm
14 (0.55)
440T-MDBLE14➊➋
3 (0.11)
17 (0.66)
440T-MDBLE15➊➋
6 (0.23)
20 (0.78)
440T-MDBLE16➊➋
13 (0.51)
27 (1.06)
440T-MDBLE17➊➋
Description
Page Number
Catalogue Number
Replacement Key
5-33
440T-AKEYE10
Replacement Code Barrel
440T-ASCBE14➊
Replacement Dust Cap
440T-ASFC10
28.5 (1.22) & 30
(1.18) Pitches
2 x M5
36.3 (1.42)
48.5
(1.90)
Single Key Bolt InterlockDual Key Bolt Interlock
29
(1.14)
12
(0.47)
Weather Cap
Lock Screw (M5)
15 (0.59)
Bolt Dia.
25.4
(1.0)
59.7 (2.35)
Secondary
20 (0.79) Boss Dia.
30
(1.18)
15.8 (0.62)
M5 Fixing using
Nut Recesses
for Front Mntg
30
(1.18)
65.5 (2.57)
27.4
(1.07)
Code Barrel
Screws M4 x 8
Torx Head
3.5 (0.13)
15.8
(0.62)
28.5 (1.22) &
30 (1.18)
Pitches
15 (0.59)
Bolt Dia.
20 (0.79)
Boss Dia.
48.5
(1.90)
27.4
(1.07)
25.4
(1.0)
3.5 (0.13)
3.5
(0.13)
Weather
Cap Lock
Screw (M5)
12
(0.47)
5.8
(0.22)
124 (4.88) Max
30.5
(1.2)
57.7 (2.27)
Primary
57.7 (2.27)
Code Barrel
Screws M4 x 8
Torx Head
M5 Fixing using
Nut Recesses
for Front Mntg
Key Trapped Bolt Retracted
4 x M5


Similar Part No. - 440T-MSBLE13

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSALE10 ALLEN-BRADLEY-440T-MSALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MSCLE10 ALLEN-BRADLEY-440T-MSCLE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
   Switchgear Adaptors
440T-MSGAU11 ALLEN-BRADLEY-440T-MSGAU11 Datasheet
105Kb / 2P
   Switchgear Adaptors
440T-MSGAU12 ALLEN-BRADLEY-440T-MSGAU12 Datasheet
105Kb / 2P
   Switchgear Adaptors
More results

Similar Description - 440T-MSBLE13

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
440T-VMVLE10 ALLEN-BRADLEY-440T-VMVLE10 Datasheet
56Kb / 1P
   Miniature Valve Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR9R ALLEN-BRADLEY-MSR9R Datasheet
26Kb / 1P
   Position (Limit) Interlocks
440T-MSALE10 ALLEN-BRADLEY-440T-MSALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
logo
Hubbell Incorporated.
P0010259P HUBBELL-P0010259P Datasheet
372Kb / 1P
   Anchor Tool Bolt
logo
Littelfuse
HSB LITTELFUSE-HSB Datasheet
155Kb / 1P
   Bolt-down Fuses
04980900ZXT LITTELFUSE-04980900ZXT Datasheet
174Kb / 1P
   Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com