Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440P-MTAB22M9 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440P-MTAB22M9
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-MTAB22M9 Datasheet(HTML) 2 Page - Allen-Bradley

  440P-MTAB22M9 Datasheet HTML 1Page - Allen-Bradley 440P-MTAB22M9 Datasheet HTML 2Page - Allen-Bradley 440P-MTAB22M9 Datasheet HTML 3Page - Allen-Bradley 440P-MTAB22M9 Datasheet HTML 4Page - Allen-Bradley 440P-MTAB22M9 Datasheet HTML 5Page - Allen-Bradley 440P-MTAB22M9 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Position Interlock Switches
7-9
Safety Limit Switches
Large Metal Senator
Product Selection
➊ N5 = 5-pin mini connector.
M9 = 12-pin M23 connector (use 9 wire).
Operator
Type
Contacts
Contact
Type
Typical
Force/
Torque to
Operate
Contact Opening
Characteristics
Catalogue Number
Safety
Aux.
1/2in NPT
Conduit
M20 Conduit
Quick
Disconnect ➊
Metal Roller
Plunger
1 N.C
1 N.O
Snap
Acting
13N
440P-MRPS11E
440P-MRPS11B
440P-MRPS11N5
4 N.C
11N
440P-MRPB04E
440P-MRPB04B
440P-MRPB04M9
3 N.C.
1 N.O
BBM
11N
440P-MRPB13E
440P-MRPB13B
440P-MRPB13M9
2 N.C
2 N.O
MBB
11N
440P-MRPB22E
440P-MRPB22B
440P-MRPB22M9
Metal Dome
Plunger
1 N.C
1 N.O
Snap
Acting
13N
440P-MDPS11E
440P-MDPS11B
440P-MDPS11N5
4 N.C
11N
440P-MDPB04E
440P-MDPB04B
440P-MDPB04M9
3 N.C.
1 N.O
BBM
11N
440P-MDPB13E
440P-MDPB13B
440P-MDPB13M9
2 N.C
2 N.O
MBB
11N
440P-MDPB22E
440P-MDPB22B
440P-MDPB22M9
Metal Short
Lever
1 N.C
1 N.O
Snap
Acting
0.34Nm
440P-MSLS11E
440P-MSLS11B
440P-MSLS11N5
4 N.C
——0.20Nm
440P-MSLB04E
440P-MSLB04B
440P-MSLB04M9
3 N.C.
1 N.O
BBM
0.34Nm
440P-MSLB13E
440P-MSLB13B
440P-MSLB13M9
2 N.C
2 N.O
MBB
0.34Nm
440P-MSLB22E
440P-MSLB22B
440P-MSLB22M9
Recommended standard cordset, 2m, 5-pin mini connector. See page 15-12 for additional lengths.
889N-F5AE-6F
Recommended standard cordset, 2m, 12-pin 9 wire. See page 15-12 for additional lengths.
889M-F12X9AE-2
Open
Closed
Positive Opening Point
2.3
10N
0mm
23-24
11-12
1.3
11-12
23-24
7.5
4.5
1.4
10N
0mm
21-22
11-12
31-32
41-42
7.5
4.0
1.4
10N
0mm
21-22
11-12
31-32
43-44
7.5
4.0
1.9
1.5
10N
0mm
21-22
11-12
33-34
43-44
7.5
4.0
1.9
2.7
10N
0mm
23-24
11-12
1.6
11-12
23-24
7.5
4.5
1.7
10N
0mm
21-22
11-12
31-32
41-42
7.5
4.0
1.6
10N
0mm
21-22
11-12
31-32
43-44
7.5
4.0
2.0
1.5
10N
0mm
21-22
11-12
33-34
43-44
7.5
4.0
2.0
83˚
35˚
35 cNm
35˚
35cNm
83˚
23 -24
11 -12
15˚
15˚
11 -12
23 -24
54˚
54˚
83˚
83˚
21˚
10cNm
11-12
21-22
31-32
21˚
35cNm
44˚
44˚
41-42
44˚
83˚
83˚
20˚
35cNm
20˚
35cNm
26˚
26˚
21-22
31-32
11-12
44˚
43-44
44˚
83˚
83˚
20˚
35cNm
20˚
35cNm
26˚
26˚
21-22
33-34
11-12
44˚
43-44


Similar Part No. - 440P-MTAB22M9

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
More results

Similar Description - 440P-MTAB22M9

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com