Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAR43S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAR43S
Description  Small Signal Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAR43S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAR43S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Power Dissipation
PD=250mW
KAR42/KAR43
KAR43A
KAR43C
KAR43S
Marking
NO.
KAR42
KAR43
KAR43A
KAR43C
KAR43S
Marking
D94
D95
DB1
DB2
DA5
Small Signal Schottky Diodes
KAR42,KAR43,A,C,S
(BAR42,BAR43,A,C,S)
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
VR
TJ=25
,IR =100
A
30
V
TJ=25
,IF = 10mA
0.35
0.4
TJ=25
,IF =50mA
0.5
0.65
TJ=25
,IF =2mA
0.26
0.33
TJ=25
,IF =15mA
0.45
ALL
TJ=25
,IF = 100 mA
1
TJ=25
,VR =25 V
500
nA
TJ=100
,VR =25 V
100
A
Cj
TJ=25
,VR =1V,f=1.0MHz
7pF
trr
IF =IR =10mA, IRR =1mA,RL = 100
5ns
Reverse Recovery Time
Forward Voltage
VF
IR
Reverse Current
KAR42
KAR43
V
Parameter
Breakdown Voltage
Junction Capacitance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum Repetitive Reverse Voltage
VRRM
30
V
Average Rectified Forward Current
IF
100
mA
Non-repetitive Peak Forward Surge Current
Pulse width = 1.0 second
Power Dissipation
PD
250
mW
Thermal Resistance, Junction to Ambient
RèJA
500
W
Operating Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65to+150
IFSM
750
mA


Similar Part No. - KAR43S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAR46 KEXIN-KAR46 Datasheet
149Kb / 1P
   Small Signal Schottky Diodes
KAR46A KEXIN-KAR46A Datasheet
149Kb / 1P
   Small Signal Schottky Diodes
More results

Similar Description - KAR43S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com