Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDB15N50 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDB15N50
Description  N-Channel SMPS Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDB15N50 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDB15N50 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDB15N50 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain to source breakdown voltage
VDSS
ID=250ìA
VGS=0V
500
V
Drain cut-off current
IDSS
VDS=500V,VGS=0,TC=25
25
A
Gate leakage current
IGSS
VGS=
30V
100
nA
Gate threshold voltage
VGS(th)
VDS =VGS,ID = 250ìA
2.0
3.4
4.0
V
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=7.5A
0.33
0.38
Ù
Input capacitance
Ciss
1850
pF
Output capacitance
Coss
230
pF
Reverse transfer capacitance
Crss
16
pF
Forward Transconductance
gfs
VDD = 10V, ID =7.5A
10
S
Total Gate Charge at 10V
Qg(TOT)
VGS = 10V,
33
41
nC
Gate to Source Gate Charge
Qgs
VDS = 400V,
7.2
10
nC
Gate to Drain "Miller" Charge
Qgd
ID = 15A
12
16
nC
Turn-on delay time
ton
9ns
Rise time
tr
5.4
ns
Turn-off delay time
toff
26
ns
Fall time
tf
5
ns
Reverse Recovery Time
trr
ISD = 15A, diSD/dt = 100A/ìs
470
730
ns
Reverse Recovered Charge
QRR
ISD = 15A, diSD/dt = 100A/ìs
5
6.6
ìC
Continuous Source Current
IS
15
A
Pulsed Source Current1
ISM
60
A
VDS=25V,VGS=0,f=1MHZ
ID=15A,RG=6.2
,VDD=250V,RD=17Ù
KDB15N50(FDB15N50)


Similar Part No. - KDB15N50

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDB COOPER-KDB Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDB EATON-KDB Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
VBsemi Electronics Co.,...
KDB VBSEMI-KDB Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
DIYI Electronic Technol...
KDB22 DYELEC-KDB22 Datasheet
1Mb / 2P
   SINGLE PHASE 2 . 0 AMP SURFACE MOUN T S C H O T T K Y BRIDGE RECTIFIER
KDB225 DYELEC-KDB225 Datasheet
1Mb / 2P
   SINGLE PHASE 2 . 0 AMP SURFACE MOUN T S C H O T T K Y BRIDGE RECTIFIER
More results

Similar Description - KDB15N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH15N50 FAIRCHILD-FDH15N50 Datasheet
194Kb / 6P
   15A, 500V, 0.38 Ohm, N-Channel SMPS Power MOSFET
FDH44N50 FAIRCHILD-FDH44N50 Datasheet
169Kb / 6P
   44A, 500V, 0.12 Ohm, N-Channel SMPS Power MOSFET
FDH34N40 FAIRCHILD-FDH34N40 Datasheet
178Kb / 6P
   34A, 400V, 0.115 Ohm, N-Channel SMPS Power MOSFET
FDP20N40 FAIRCHILD-FDP20N40 Datasheet
188Kb / 6P
   20A, 400V, 0.216 Ohm, N-Channel SMPS Power MOSFET
FDH27N50 FAIRCHILD-FDH27N50 Datasheet
183Kb / 6P
   27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60_15 Datasheet
180Kb / 3P
   SMPS N-CHANNEL IGBT
logo
International Rectifier
IRF7450 IRF-IRF7450_04 Datasheet
176Kb / 8P
   SMPS MOSFET HEXFET Power MOSFET
IRF730ASPBF IRF-IRF730ASPBF Datasheet
296Kb / 10P
   HEXFET Power MOSFET (SMPS MOSFET)
IRFIB7N50LPBF IRF-IRFIB7N50LPBF Datasheet
204Kb / 9P
   SMPS MOSFET, HEXFET Power MOSFET
IRF840AS IRF-IRF840AS_04 Datasheet
667Kb / 10P
   SMPS MOSFET HEXFET짰 Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com