Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440R-N23117 Datasheet(PDF) 8 Page - Allen-Bradley

Part # 440R-N23117
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23117 Datasheet(HTML) 8 Page - Allen-Bradley

  440R-N23117 Datasheet HTML 1Page - Allen-Bradley 440R-N23117 Datasheet HTML 2Page - Allen-Bradley 440R-N23117 Datasheet HTML 3Page - Allen-Bradley 440R-N23117 Datasheet HTML 4Page - Allen-Bradley 440R-N23117 Datasheet HTML 5Page - Allen-Bradley 440R-N23117 Datasheet HTML 6Page - Allen-Bradley 440R-N23117 Datasheet HTML 7Page - Allen-Bradley 440R-N23117 Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2-33
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Typical Wiring Diagrams (continued)
Outputs (Receiver)
The output voltage UA of each channel depends on the supply
voltage UV and the switched load and is at least
UA = UV - 2V
Both outputs OSSD1 and OSSD2 (OSSD = Output Signal
Switching Device) are control reliable, actively monitored PNP solid
state outputs. The outputs can carry a maximum of 0.5 Amps and
are short circuit protected. If the protected field is clear, the two
outputs are HIGH (active).
• An additional supply voltage must not be applied to the outputs.
RS-485 Communication Interface
This interface serves to communicate with the 440L-M8100
(optional). If the 440L-M8100 is not used, the connection is not
used.
Receiver cable pin diagram
ATTENTION: Both output signals must
be processed separately. They must not be
connected in series or parallel.
Receiver Cable Plug
Pin
Color
Function
1
2
3
4
5
6
7
Black
White
Blue
Brown
Grey
Yellow
Green
+24V DC
0V DC
Out 1 OSSD 1
Out 2 OSSD 2
-RS 485 Communications
+RS 485 Communications
PE
1
2
3
4
5
6
7
Pin #1
Pin #2
Pin #3
Pin #4
Pin #5
Pin #6
Pin #7
Pin #1 = +24V
Pin #2 = Gnd
Pin #3 = OSSD1
Pin #4 = OSSD2
Pin #5 = Com- RS 485
Pin #6 = Com+ RS 485
Pin #7 = PE
Internal
Connector
Mini
Plug
1
2
3
4
5
6
7
1
2
3
4
5
6
7
POC Receiver
Inside View of Connector
POC Receiver
Top View of Connector
Receiver connection diagram
POC Transmitter
Imax = 0.5A
0V
PE
+24V
1
3
4
2
7
5
6
RL
Imax = 0.5A
RL
RS 485
(440L-M8100/diagnostics)


Similar Part No. - 440R-N23117

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440R-N23117

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com