Electronic Components Datasheet Search |
|
800Z-GL3065Y- Datasheet(PDF) 1 Page - Allen-Bradley |
|
800Z-GL3065Y- Datasheet(HTML) 1 Page - Allen-Bradley |
1 / 4 page 11-2 Two-Hand Control Devices Zero-Force Touch Buttons 800Z General Purpose Specifications Standards EN574, EN954-1, IEC/EN60947-5-1, IEC/EN60204-1 Approvals cULus, C-Tick, and CE marked for all applicable directives Power Supply Relay Output Transistor Output 10-40V DC, 20-30V AC, or 85-264V AC 10-30V DC Power Consumption Relay Output Transistor Output 1.44W, 19.2VA 100mA at 24V DC = 2.23W (no load) Outputs Relay Output Transistor Output 1 N.O. & 1 N.C. PNP or NPN Output Ratings Relay Output Transistor Output See Load Life Curves 150mA Min. Switched Current/ Voltage (Relay Output) 8mA/5V DC Pollution Degree 2 Operating Temperature -25°C to +55°C (-13° to +131°F) Humidity 95% RH Enclosure Protection IP66 (NEMA 4/4X/13), 1200 psi washdown Material Housing/Guard Gaskets Relay Contacts Valox 357 BUNA-N AgSnO Mounting Any position Cable 5 wire (single common) 4 wire (single common) Electrical Life EM-Relay inductive load See Load Life Curves Vibration 1.5mm (0.06in) 10-55Hz Shock 100g,11ms half-sine Description The general purpose Bulletin 800Z Zero-Force Touch Buttons are designed for use by machine control systems requiring the use of two hands. An interlinked sensor surface weaves two capacitive sensors in offset planes for superior product sensitivity. The 800Z touch buttons are ergonomically designed for ease of operation. No force is required to operate the switch; simply touching the surface of the switch will initiate an output. The 800Z can detect the hand though most industrial gloves. The contour of the 800Z touch buttons serves two purposes; it easily conforms to the shape of the hand while helping prevent defeatability when two-hand control is needed. Two bi-coloured diagnostic LEDs provide guidance during operation. The power/fault LED blinks at different rates to provide diagnostic information to the user. The 800Z detects the presence of a hand during power-up, noise, and conductive film build-up over time. Features • Zero Force to operate • Ergonomic design • EMC protection • Diagnostic LEDs 10 10 6 5 10 10 4 01 2 3 4 5 6 7 8 Load Life Curves for General Purpose Product Line Relay Output—Maximum DC Load Breaking Capacity 300 200 100 50 40 30 20 10 0.1 0.2 0.5 1 2 5 10 20 Relay Output—Electrical Endurance DC Current (A) Switching Current (A) Resistive Load 250V AC cos ϕ = 1 cos ϕ = 0.7 cos ϕ = 0.4 |
Similar Part No. - 800Z-GL3065Y- |
|
Similar Description - 800Z-GL3065Y- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |