Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440P-COHB03R6 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440P-COHB03R6
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-COHB03R6 Datasheet(HTML) 2 Page - Allen-Bradley

  440P-COHB03R6 Datasheet HTML 1Page - Allen-Bradley 440P-COHB03R6 Datasheet HTML 2Page - Allen-Bradley 440P-COHB03R6 Datasheet HTML 3Page - Allen-Bradley 440P-COHB03R6 Datasheet HTML 4Page - Allen-Bradley 440P-COHB03R6 Datasheet HTML 5Page - Allen-Bradley 440P-COHB03R6 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Position Interlock Switches
7-3
Safety Limit Switches
Small Plastic Senator
Product Selection
➊ D4 suffix uses a 4-pin DC Micro (M12) connector.
R6 suffix uses a 6-pin AC Micro (dual keyway) connector.
Operator
Type
Contact
Contact
Type
Typical
Force/
Torque to
Operate
Contact Opening
Characteristics
Catalogue Number
Safety
Aux.
1/2in NPT
Conduit
M20 Conduit
Quick
Disconnect ➊
Roller Plunger
1 N.C
1 N.O
Snap
Acting
5N
440P-CRPS11E
440P-CRPS11B
440P-CRPS11D4
2 N.C
1 N.O
BBM
6N
440P-CRPB12E
440P-CRPB12B
440P-CRPB12R6
3 N.C.
5N
440P-CRPB03E
440P-CRPB03B
440P-CRPB03R6
2 N.C
1 N.O
MBB
6N
440P-CRPM12E
440P-CRPM12B
440P-CRPM12R6
Dome Plunger.
1 N.C
1 N.O
Snap
Acting
5N
440P-CDPS11E
440P-CDPS11B
440P-CDPS11D4
2 N.C
1 N.O
BBM
6N
440P-CDPB12E
440P-CDPB12B
440P-CDPB12R6
3 N.C.
5N
440P-CDPB03E
440P-CDPB03B
440P-CDPB03R6
2 N.C
1 N.O
MBB
6N
440P-CDPM12E
440P-CDPM12B
440P-CDPM12R6
Hinge Lever
1 N.C
1 N.O
Snap
Acting
5N
440P-CHLS11E
440P-CHLS11B
440P-CHLS11D4
2 N.C
1 N.O
BBM
6N
440P-CHLB12E
440P-CHLB12B
440P-CHLB12R6
3 N.C.
5N
440P-CHLB03E
440P-CHLB03B
440P-CHLB03R6
2 N.C
1 N.O
MBB
6N
440P-CHLM12E
440P-CHLM12B
440P-CHLM12R6
Recommended standard cordset, 2m, 4-pin, DC Micro (M12) connector. See page 15-10 for additional lengths.
889D-F4AC-2
Recommended standard cordset, 2m, 6-pin AC Micro connector. See page 15-10 for additional lengths.
889R-F6ACA-2
Open
Closed
Positive Opening Point
2.7
8N
0mm
23-24
11-12
2.4
11-12
23-24
6.2
4.0
2.1
5N
6.2
0mm
11-12
33-34
21-22
3.0
3.3
0mm
11- 12
21- 22
31- 32
1.9
5N
6.2
3.3
2.1
5N
6.2
0mm
11-12
33-34
21-22
1.3
3.3
2.7
7N
0mm
23-24
11-12
2.1
11-12
23-24
6.4
4.0
2.0
5N
6.4
0mm
0N
11-12
33-34
21-22
3.0
7N
3.3
0mm
0N
11- 12
21- 22
31- 32
2.1
5N
6.4
3.3
1.9
6.4
0mm
0N
11- 12
33- 34
21- 22
1.3
5N
3.3
3.5
6N
0mm
23-24
11-12
2.6
11-12
23-24
10.0
6.5
3.1
2N
10.0
0mm
11- 12
33- 34
21- 22
4.6
5. 3
0m m
11- 12
21- 22
31- 32
2.9
2N
10.0
5.3
3.0
10.0
0m m
11 -12
33 -34
21 -22
2. 5
2N
5. 3


Similar Part No. - 440P-COHB03R6

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-MALB04M9 ALLEN-BRADLEY-440P-MALB04M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB13M9 ALLEN-BRADLEY-440P-MALB13M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB22M9 ALLEN-BRADLEY-440P-MALB22M9 Datasheet
232Kb / 6P
   Safety Limit Switches
More results

Similar Description - 440P-COHB03R6

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com