Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4148W
Description  Surface Mount Fast Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4148W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4148W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4148W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Surface Mount Fast Switching Diodes
1N4148W
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Non-repetitive peak reverse voltage
VRM
100
V
Peak repetitive reverse voltage
VRRM
Working peak reverse voltage
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
53
V
Average rectified output current
IO
150
mA
Forward continuous current
IFM
300
mA
Non-repetitive peak forward surge current@ t = 1.0s
1.0
@t=1.0 us
2.0
Power dissipation
PD
400
mW
Typical thermal resistance, junction to ambient air
RèJA
315
/W
Junction temperature
Tj
125
Storage temperature
TSTG
-65 to 150
IFSM
V
75
A
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
VF1
IF = 1mA
0.715
VF2
IF = 10mA
0.855
VF3
IF = 50mA
1.0
VF4
IF = 150mA
1.25
IR1
VR = 75V
1
A
IR2
VR = 20V
25
A
Capacitance
CJ
VR = 0, f = 1.0MHz
2
pF
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1XIR,RL=100Ù
4
ns
V
Forwarad voltage
Peak reverse current
Marking
Marking
T4


Similar Part No. - 1N4148W

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Taiwan Semiconductor Co...
1N4148W TSC-1N4148W Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Similar Description - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com