Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ603 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ603
Description  MOS Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ603 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ603 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ603 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-60V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=-10V,ID=-1mA
-1.5
-2.0
-2.5
V
Forward transfer admittance
Yfs
VDS=-10V,ID=-13A
10
21
S
VGS=-10V,ID=-13A
38
48
m
VGS=-4.0V,ID=-13A
53
75
m
Input capacitance
Ciss
1900
pF
Output capacitance
Coss
350
pF
Reverse transfer capacitance
Crss
140
pF
Turn-on delay time
td(on)
10
ns
Rise time
tr
11
ns
Turn-off delay time
td(off)
66
ns
Fall time
tf
20
ns
Total Gate Charge
QG
ID =-25A
38
nC
Gate to Source Charge
QGS
VDD= -48 V
7
nC
Gate to Drain Charge
QGD
VGS =-10 V
10
nC
Body Diode Forward Voltage
VF(S-D)
IF = 25A, VGS =0V
1.0
V
Reverse Recovery Time
trr
IF =25A,VGS =0V
49
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
s
100
nC
Drain to source on-state resistance
RDS(on)
VDS=-10V,VGS=0,f=1MHZ
VGS(on)=-30V,ID=--13A ,VDD=-10V,RG=0
2SJ603


Similar Part No. - 2SJ603

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ603 RENESAS-2SJ603 Datasheet
215Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ603-S NEC-2SJ603-S Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ603-S RENESAS-2SJ603-S Datasheet
215Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ603-Z NEC-2SJ603-Z Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SJ603

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com