Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS87C52X2-VCJR Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # TS87C52X2-VCJR
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2-VCJR Datasheet(HTML) 1 Page - TEMIC Semiconductors

  TS87C52X2-VCJR Datasheet HTML 1Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 2Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 3Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 4Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 5Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 6Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 7Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 8Page - TEMIC Semiconductors TS87C52X2-VCJR Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Rev. B - Jan. 25, 1999
1
Preliminary
TS80C52X2
8-bit CMOS Microcontroller 0-60 MHz
1. Description
TEMIC TS80C52X2 is high performance CMOS ROM,
OTP, EPROM and ROMless versions of the 80C51
CMOS single chip 8-bit microcontroller.
The TS80C52X2 retains all features of the TEMIC
80C51
with
extended
ROM/EPROM
capacity
(8
Kbytes), 256 bytes of internal RAM, a 6-source , 4-level
interrupt system, an on-chip oscilator and three timer/
counters.
In addition, the TS80C52X2 has a dual data pointer, a
more
versatile
serial
channel
that
facilitates
multiprocessor communication (EUART) and a X2 speed
improvement mechanism.
The fully static design of the TS80C52X2 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The TS80C52X2 has 2 software-selectable modes of
reduced
activity
for
further
reduction
in
power
consumption. In the idle mode the CPU is frozen while
the timers, the serial port and the interrupt system are still
operating. In the power-down mode the RAM is saved
and all other functions are inoperative.
2. Features
q
80C52 Compatible
• 8051 pin and instruction compatible
• Four 8-bit I/O ports
• Three 16-bit timer/counters
• 256 bytes scratchpad RAM
q
High-Speed Architecture
• 40 MHz @ 5V, 30MHz @ 3V
• X2 Speed Improvement capability (6 clocks/
machine cycle)
30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
60 MHz @ 5V, 40 MHz @ 3V)
q
Dual Data Pointer
q
On-chip ROM/EPROM (8K-bytes)
q
Programmable Clock Out and Up/Down Timer/
Counter 2
q
Asynchronous port reset
q
Interrupt Structure with
• 6 Interrupt sources,
• 4 level priority interrupt system
q
Full duplex Enhanced UART
• Framing error detection
• Automatic address recognition
q
Low EMI (inhibit ALE)
q
Power Control modes
• Idle mode
• Power-down mode
• Power-off Flag
q
Once mode (On-chip Emulation)
q
Power supply: 4.5-5V, 2.7-5.5V
q
Temperature ranges: Commercial (0 to 70oC) and
Industrial (-40 to 85oC)
q
Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP F1
(13.9
footprint),
CQPJ44
(window),
CDIL40
(window)


Similar Part No. - TS87C52X2-VCJR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS87C52X2-VCA ATMEL-TS87C52X2-VCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-VCB ATMEL-TS87C52X2-VCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-VCC ATMEL-TS87C52X2-VCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-VCE ATMEL-TS87C52X2-VCE Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

Similar Description - TS87C52X2-VCJR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com