Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAY80 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAY80
Description  Silicon Epitaxial Planar Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAY80 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAY80 Datasheet HTML 1Page - Vishay Siliconix BAY80 Datasheet HTML 2Page - Vishay Siliconix BAY80 Datasheet HTML 3Page - Vishay Siliconix BAY80 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAY80
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85553
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=0.1mA
VF
0.4
0.52
V
g
IF=10 mA
VF
0.63
0.78
V
IF=50 mA
VF
0.73
0.92
V
IF=100mA
VF
0.78
1
V
IF=150mA
VF
1.07
V
Reverse current
VR=120V
IR
100
nA
VR=120 V, Tj=150°C
IR
100
mA
Breakdown voltage
IR=100mA, tp/T=0.01,
tp=0.3ms
V(BR)
150
V
Diode capacitance
VR=0, f=1MHz
CD
1.5
5
pF
Differential forward resistance
IF=10mA
rf
5
W
Reverse recovery time
IF=IR=30mA, iR=3mA,
RL=100W
trr
50
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
1000
Tj – Junction Temperature ( °C )
200
94 9084
100
Scattering Limit
VR =VRRM
Figure 1. Reverse Current vs. Junction Temperature
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9085
Scattering Limit
Tj =25°C
Figure 2. Forward Current vs. Forward Voltage


Similar Part No. - BAY80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
   General purpose diode
1996 Sep 18
logo
Fairchild Semiconductor
BAY80 FAIRCHILD-BAY80 Datasheet
47Kb / 1P
   General Purpose High Conductance Diodes
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
121Kb / 5P
   Small Signal Switching Diode, High Voltage
Rev. 1.8, 19-Feb-07
logo
SynSemi, Inc.
BAY80 SYNSEMI-BAY80 Datasheet
38Kb / 2P
   SWITCHING DIODE
logo
New Jersey Semi-Conduct...
BAY80 NJSEMI-BAY80 Datasheet
133Kb / 1P
   D0-35
More results

Similar Description - BAY80

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com