Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3113 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3113
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3113 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3113 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1Gate
2Drain
3Source
MOS Field Effect Transistor
2SK3113
Features
Low on-state resistance
RDS(on) =4.4
MAX. (VGS =10V, ID =1.0 A)
Low gate charge
QG = 9 nC TYP. (VDD =450 V, VGS =10V, ID =2.0 A)
Gate voltage rating
30 V
Avalanche capability ratings
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
30
V
ID
2.0
A
Idp *
8.0
A
Power dissipation
TC=25
20
TA=25
1.0
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=600V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
30V,VDS=0
10
A
Gate to source cut off voltage
VGS(off)
VDS=10V,ID=1mA
2.5
3.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=1.0A
0.5
S
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=1.0A
3.3
4.4
Input capacitance
Ciss
260
pF
Output capacitance
Coss
60
pF
Reverse transfer capacitance
Crss
5pF
Turn-on delay time
ton
7ns
Rise time
tr
2ns
Turn-off delay time
toff
22
ns
Fall time
tf
9
ns
VDS=10V,VGS=0,f=1MHZ
ID=1.0A,VGS(on)=10V,VDD=150V,RG=10
,RL=10


Similar Part No. - 2SK3113

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113 NEC-2SK3113 Datasheet
145Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2SK3113 ISC-2SK3113 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3113 RENESAS-2SK3113 Datasheet
267Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3113-Z NEC-2SK3113-Z Datasheet
145Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2SK3113-Z VBSEMI-2SK3113-Z Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - 2SK3113

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com