Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-B125-1753 Datasheet(PDF) 7 Page - Allen-Bradley

Part # 194E-B125-1753
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-B125-1753 Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 194E-B125-1753 Datasheet HTML 3Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 4Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 5Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 6Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 7Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 8Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 9Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 10Page - Allen-Bradley 194E-B125-1753 Datasheet HTML 11Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IEC Load Switches
10-31
Bulletin 194E
125 Amps to 315 Amps
Specifications
Mechanical Data
When provided with terminal covers.
Approvals
A = approved or test passed
Z = accessories are covered by the approval for the switch
194E-125
194E-160
194E-250
194E-315
Actuators
IP65
IP65
IP65
IP65
Protection class according to IEC 529
Front side Front unit
IP65
IP65
IP65
IP65
Box lugs ➊
IP20
IP20
IP20
IP20
Bolt-on
straight version ➊
IP20
IP20
IP20
IP20
bent version
Mechanical life
[Million
operations]
0.1
0.1
0.075
0.075
Box lugs — max. wire gauges
Terminal sizes according to IEC 947-1
Gauge
No.
B11
B11
B14
B14
Fine strands, 1 conductor
Max.
mm2
70
70
150
150
Min.
mm2
16
16
25
25
Rigid wire, 1 conductor
Max.
mm2
95
95
185
185
Min.
mm2
10
10
16
16
Wire gauges according to UL / CSA
Max.
AWG
3/0
3/0
MCM
350
350
Min.
AWG
884
4
Catalogue No. or Designation
UL-Listed
(marked w/UL)
UR-Recognized
(marked w/UR)
UL-Listed for
Canada (marked
with cUL)
UR-Recognized
for Canada
(marked w/cUR)
CE
194E-A125
194E-E125
A—A—A
194E-A160
194E-E160
A—A—A
194E-A250
194E-E250
A—A—A
194E-A315
194E-E315
A—A—A
194E-B125
194E-F125
—A—A
A
194E-B160
194E-F160
—A—A
A
194E-B250
194E-F250
—A—A
A
194E-B315
194E-F315
—A—A
A
Aux. switch blocks
ZZZZZ
Ground terminal
ZZZZZ
Neutral terminal
ZZZZZ


Similar Part No. - 194E-B125-1753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-25-C3 ALLEN-BRADLEY-194E-25-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-25-C4 ALLEN-BRADLEY-194E-25-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C3 ALLEN-BRADLEY-194E-40-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C4 ALLEN-BRADLEY-194E-40-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-80-C3 ALLEN-BRADLEY-194E-80-C3 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-B125-1753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com