Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100S-D420X22C Datasheet(PDF) 4 Page - Allen-Bradley

Part # 100S-D420X22C
Description  Safety Contactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

100S-D420X22C Datasheet(HTML) 4 Page - Allen-Bradley

  100S-D420X22C Datasheet HTML 1Page - Allen-Bradley 100S-D420X22C Datasheet HTML 2Page - Allen-Bradley 100S-D420X22C Datasheet HTML 3Page - Allen-Bradley 100S-D420X22C Datasheet HTML 4Page - Allen-Bradley 100S-D420X22C Datasheet HTML 5Page - Allen-Bradley 100S-D420X22C Datasheet HTML 6Page - Allen-Bradley 100S-D420X22C Datasheet HTML 7Page - Allen-Bradley 100S-D420X22C Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9-12
Contactors & Control Relays
Safety Contactors
100S-C
General Ratings
Switching Motor Loads
Catalogue Number 100S-C09...100S-C85
Rated Isolation Voltage Ui
IEC, AS, BS, SEV, VDE 0660; UL; CSA
690V
600V
Rated Impulse Voltage Uimp
8 kV
Rated Voltage Ue Main Contacts
AC 50/60Hz
115, 200, 208, 230, 240, 380, 400, 415, 460, 500, 575, 690V
DC
24, 48, 110, 115, 220, 230, 300, 440V
Operating Frequency for AC Loads
50…60 Hz
Catalogue
Number
100S-
C09
100S-
C12
100S-
C16
100S-
C23
100S-
C30
100S-
C37
100S-
C43
100S-
C60
100S-
C72
100S-
C85
Standard Ratings
AC-2, AC-3, AC-4-50Hz
DOL & Reversing
IEC
230V
[A]
121520
26.5
253844
6272
85
240V
[A]
121520
26.5
353844
6272
85
400V
[A]
9
12
16
23
30
37
43
60
72
85
415V
[A]
9
12
16
23
30
37
43
60
72
85
500V
[A]
7
10
14
20
25
30
38
55
67
80
690V
[A]
5
7
9
12
18
21
25
34
42
49
230V
[kW]
3
4
5.5
7.5
10
11
13
18.5
22
25
240V
[kW]
3
4
5.5
7.5
10
11
13
18.5
22
25
400V
[kW]
4
5.5
7.5
11
15
18.5
22
32
40
45
415V
[kW]
4
5.5
7.5
11152022
3240
45
500V
[kW]
4
5.5
7.5
13152025
3745
55
690V
[kW]
4
5.5
7.5
10
15
18.5
22
32
40
45
AC-2, AC-3, AC-4-60Hz
DOL & Reversing
UL/CSA/IEC
1-Ph 115V
[A]
9.8
9.8
16
24
24
34
34
56
56
80
230V
[A]
10121717282840
5068
68
115 V
[HP]
1/2
1/2
1
22
335
5
7-1/2
230 V
[HP]
1 1/2
2
3
3
5
5
7-1/2
10
15
15
3-Ph 200V
[A]
7.8
11
17.5
17.5
25.3
32.2
32.2
48.3
62.1
78.2
230 V
[A]
6.8
9.6
15.2
22282842
5468
80
460 V
[A]
7.6
111421273440
5265
77
575 V
[A]
9
111717273232
5262
62
200 V
[HP]
2
3
5
5
7-1/2
10
10
15
20
25
230 V
[HP]
2
3
5
7-1/2
101015
2025
30
460 V
[HP]
5
7-1/2
1015202530
4050
60
575 V
[HP]
7-1/2
10
15
15
25
30
30
50
60
60


Similar Part No. - 100S-D420X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
100S-C ALLEN-BRADLEY-100S-C Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-05BC ALLEN-BRADLEY-100S-C09-05BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-14BC ALLEN-BRADLEY-100S-C09-14BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-304BC ALLEN-BRADLEY-100S-C09-304BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

Similar Description - 100S-D420X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
104S-C ALLEN-BRADLEY-104S-C Datasheet
39Kb / 2P
   Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Zhejiang DongYa Electro...
ZLJM-250C DONGYA-ZLJM-250C Datasheet
305Kb / 1P
   Latch contactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com