Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF970 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BF970
Description  Silicon PNP Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF970 Datasheet(HTML) 3 Page - Vishay Siliconix

  BF970 Datasheet HTML 1Page - Vishay Siliconix BF970 Datasheet HTML 2Page - Vishay Siliconix BF970 Datasheet HTML 3Page - Vishay Siliconix BF970 Datasheet HTML 4Page - Vishay Siliconix BF970 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BF970
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
3 (5)
Document Number 85005
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
12845
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
200
400
600
800
1000
1200
036
9
12
15
–IC – Collector Current ( mA )
12847
–VCB=10V
f=300MHz
Figure 2. Transition Frequency vs. Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
1012 141618 20
VCB – Collector Base Voltage ( V )
12846
Figure 3. Collector Base Capacitance vs.
Collector Base Voltage


Similar Part No. - BF970

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF970 VISHAY-BF970 Datasheet
141Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
More results

Similar Description - BF970

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF569 VISHAY-BF569 Datasheet
67Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF579 VISHAY-BF579 Datasheet
66Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF579 VISHAY-BF579_08 Datasheet
124Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
BF979 VISHAY-BF979_08 Datasheet
141Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Continental Device Indi...
2N3635 CDIL-2N3635 Datasheet
252Kb / 4P
   PNP SILICON PLANAR RF TRANSISTORS
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com