Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-HE8I-175 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 194E-HE8I-175
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-HE8I-175 Datasheet(HTML) 6 Page - Allen-Bradley

Back Button 194E-HE8I-175 Datasheet HTML 2Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 3Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 4Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 5Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 6Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 7Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 8Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 9Page - Allen-Bradley 194E-HE8I-175 Datasheet HTML 10Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
10-30
IEC Load Switches
Bulletin 194E
125 Amps to 315 Amps
Specifications
IEC Performance Data for 194E (continued)
UL CSA Performance Data for 194E
DC Switching Capacity
194E-125
194E-160
194E-250
194E-315
Rated current Ie
Rated voltage [V]
No. Poles in series
DC-21A
60
3
[A]
125
160
250
315
For resistive loads T
≤1 ms
110
3
[A]
110
140
220
280
220
3
[A]
45
55
85
110
Rated voltage [V]
No. Poles in series
110
4
[A]
125
160
250
315
220
4
[A]
80
100
150
200
440
4
[A]
16
20
32
40
Rated power Pe
Rated voltage [V]
No. Poles in series
DC-22A, DC-3
24
4
[kW]
3
3.8
6
7.5
For Inductive loads T
≤2.5 ms
48
4
[kW]
6
7.5
12
15
60
4
[kW]
7.5
9.5
15
19
110
4
[kW]
10
12.5
20
25
220
4
[kW]
4.5
5.5
8
10
Rated Power Pe
Rated voltage [V]
No. Poles in series
DC-23A, DC-5
24
4
[kW]
3
3.8
6
7.5
For Inductive loads T
≤15 ms
48
4
[kW]
6
7.5
12
15
60
4
[kW]
7.5
9.5
15
19
110
4
[kW]
8.8
11
17.5
22
220
4
[kW]
2.5
3.5
5.5
7
194E-125
194E-160
194E-250
194E-315
Rated Insulation Voltage
[V]
600
600
600
600
Rated voltage
[V]
600
600
600
600
Continuous current
[A]
150
200
250
300
Ampere rating for general use
[A]
150
200
250
300
Heavy Pilot Duty
[AC]
Standard Duty
[DC]
Motor rating 60Hz
1-phase (2-poles)
120V, 1 P
[FLA]
80
100
135
180
[HP]
7.5
101520
240V, 1 P
[FLA]
88
110
136
155
[HP]
20
25
30
35
480V, 1 P
[FLA]
78
88
99
108
[HP]
35
40
45
50
600V, 1 P
[FLA]
62
70
86
104
[HP]
35
40
50
60
3-Phase
120V, 3 P
[FLA]
84
108
160
208
[HP]
15
20
30
40
240V, 3 P
[FLA]
8
104
154
192
[HP]
30
40
60
75
480V, 3 P
[FLA]
77
77
96
124
[HP]
60
60
75
100
600V, 3 P
[FLA]
62
62
77
99
[HP]
60
60
75
100


Similar Part No. - 194E-HE8I-175

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-25-C3 ALLEN-BRADLEY-194E-25-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-25-C4 ALLEN-BRADLEY-194E-25-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C3 ALLEN-BRADLEY-194E-40-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C4 ALLEN-BRADLEY-194E-40-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-80-C3 ALLEN-BRADLEY-194E-80-C3 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-HE8I-175

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com