Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-AB-P21-315 Datasheet(PDF) 10 Page - Allen-Bradley

Part # 194E-AB-P21-315
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-AB-P21-315 Datasheet(HTML) 10 Page - Allen-Bradley

Back Button 194E-AB-P21-315 Datasheet HTML 4Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 5Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 6Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 7Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 8Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 9Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 10Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 11Page - Allen-Bradley 194E-AB-P21-315 Datasheet HTML 12Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10-34
IEC Load Switches
Bulletin 194E
125 Amps to 315 Amps
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for manufacturing purposes.
Box Ground and Neutral Terminal
Switch Body 194E-F
Bolt Ground and Neutral Terminal
Switch Body 194E-F
Auxiliary Contacts
[A]
A
B
C
D
E
F
125
37.8
(1-1/2)
64
(2-17/32)
108
(4-1/4)
37.8
(1-1/2)
64
(2-17/32)
108
(4-1/4)
160
37.8
(1-1/2)
64
(2-17/32)
108
(4-1/4)
37.8
(1-1/2)
64
(2-17/32)
108
(4-1/4)
250
52.3
(2-1/16)
71.1
(2-25/32)
126
(4-15/16)
52.3
(2-1/16)
80.6
(3-1/8)
126
(4-15/16)
315
52.3
(2-1/16)
71.1
(2-25/32)
126
(4-15/16)
52.3
(2-1/16)
80.6
(3-1/8)
126
(4-15/16)
[A]
A
B
C
D
E
F
G
H
I
L
M
N
125
37.8
(1-1/2)
64
(2-17/32)
10
(13/32)
M10
(13/32)
90
(3-17/32)
3
(1/8)
37.8
(1-1/2)
64
(2-17/32)
10
(13/32)
M10
(13/32)
90
(3-17/32)
3
(1/8)
160
37.8
(1-1/2)
64
(2-17/32)
10
(13/32)
M10
(13/32)
90
(3-17/32)
3
(1/8)
37.8
(1-1/2)
64
(2-17/32)
10
(13/32)
M10
(13/32)
90
(3-17/32)
3
(1/8)
250
52.3
(2-1/16)
68
(2-21/32)
13
(1/2)
M12
(15/32)
100
(3-15/16)
4
(5/32)
52.3
(2-1/16)
68
(2-21/32)
13
(1/2)
M12
(15/32)
100
(3-15/16)
4
(5/32)
315
52.3
(2-1/16)
68
(2-21/32)
13
(1/2)
M12
(15/32)
100
(3-15/16)
4
(5/32)
52.3
(2-1/16)
68
(2-21/32)
13
(1/2)
M12
(15/32)
100
(3-15/16)
4
(5/32)
A
B
FRONT
BASE
C
D
E
F
G
H
I
L
M
N
FRONT
BASE
14
14
50
50
(9/16)
(9/16)
(1 31/32)
(1 31/32)


Similar Part No. - 194E-AB-P21-315

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A-P11 ALLEN-BRADLEY-194E-A-P11 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-P22 ALLEN-BRADLEY-194E-A-P22 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-PD10 ALLEN-BRADLEY-194E-A-PD10 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-PL11 ALLEN-BRADLEY-194E-A-PL11 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A100-1753 ALLEN-BRADLEY-194E-A100-1753 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-AB-P21-315

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com