Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194L-HE6L-175 Datasheet(PDF) 7 Page - Allen-Bradley

Part # 194L-HE6L-175
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194L-HE6L-175 Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 194L-HE6L-175 Datasheet HTML 3Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 4Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 5Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 6Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 7Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 8Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 9Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 10Page - Allen-Bradley 194L-HE6L-175 Datasheet HTML 11Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
10-8
IEC Load Switches
Bulletin 194E
25 Amps to 100 Amps
Product Selection
Enclosed Switch with Catalogue Number 194L-HE6N-175 Operating Handle and Thermoplastic Enclosure
OFF-ON Base-Mounted 3-Pole Switch with Catalogue Number 194L-HE6N-175 Red/Yellow Actuator Kits
OFF-ON Front-Mounted 3-Pole Switch with Catalogue Number 194L-HE6N-175 Red/Yellow Actuator Kits
Accessories — Page 10-11
Specifications — Page 10-17
Approximate Dimensions — Page 10-19
No. of Poles
Function Switching
Angle
Maximum Load
Rating (A)
Colour
Catalogue Number
3
25
Red/Yellow
194E-Y25-1753-6N
32
194E-Y32-1753-6N
40
194E-Y40-1753-6N
63
194E-Y63-1753-6N
80
194E-Y80-1753-6N
100
194E-Y100-1753-6N
6
25
Red/Yellow
194E-Y25-1756-6N
32
194E-Y32-1756-6N
40
194E-Y40-1756-6N
63
194E-Y63-1756-6N
Function
Switching Angle
Maximum Load
Rating (A)
AC23A Rated Power
[kW] at 690V AC
HP @ 480V AC
60 Hz, 3
Catalogue Number
25
7.5
10
194E-A25-1753-6N
32
11
15
194E-A32-1753-6N
40
15
20
194E-A40-1753-6N
63
18.5
25
194E-A63-1753-6N
80
30
50
194E-A80-1753-6N
100
37
50
194E-A100-1753-6N
Function
Switching Angle
Maximum Load
Rating (A)
AC23A Rated Power
[kW] at 690V AC
HP @ 480V AC
60 Hz, 3
Catalogue Number
25
7.5
10
194E-E25-1753-6N
32
11
15
194E-E32-1753-6N
40
15
20
194E-E40-1753-6N
63
18.5
25
194E-E63-1753-6N
80
30
50
194E-E80-1753-6N
100
37
50
194E-E100-1753-6N
Uses Base-
Mounted Switches
90
ON
OFF
O
1
0
Type N
90
ON
OFF
O
1
0
Type N
90
ON
OFF
O
1
0


Similar Part No. - 194L-HE6L-175

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A4-175 ALLEN-BRADLEY-194L-A4-175 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A4-175I ALLEN-BRADLEY-194L-A4-175I Datasheet
28Kb / 1P
   Bulletin 194E
194L-A6-000 ALLEN-BRADLEY-194L-A6-000 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A6-175 ALLEN-BRADLEY-194L-A6-175 Datasheet
28Kb / 1P
   Bulletin 194E
More results

Similar Description - 194L-HE6L-175

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com