Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF988 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BF988
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF988 Datasheet(HTML) 5 Page - Vishay Siliconix

  BF988 Datasheet HTML 1Page - Vishay Siliconix BF988 Datasheet HTML 2Page - Vishay Siliconix BF988 Datasheet HTML 3Page - Vishay Siliconix BF988 Datasheet HTML 4Page - Vishay Siliconix BF988 Datasheet HTML 5Page - Vishay Siliconix BF988 Datasheet HTML 6Page - Vishay Siliconix BF988 Datasheet HTML 7Page - Vishay Siliconix BF988 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF988
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 08-Jul-99
5 (8)
Document Number 85007
0
0.8
1.6
2.4
3.2
4.0
246
8
10
12
VDS – Drain Source Voltage ( V )
12815
VG2S=4V
VG1S=0
f=1MHz
Figure 7. Output Capacitance vs. Drain Source Voltage
–50
–40
–30
–20
–10
0
10
–1
–0.5
0.0
0.5
1.0
1.5
VG1S – Gate 1 Source Voltage ( V )
12818
4V
0
2V
1V
3V
f= 800MHz
–0.2V
VG2S=–0.8V
–0.4V
Figure 8. Transducer Gain vs. Gate 1 Source Voltage
0
4
8
12
16
20
24
28
32
0
4
8
1216
2024
28
ID – Drain Current ( mA )
12819
VDS=8V
f=1MHz
VG2S=4V
2V
1V
0
3V
Figure 9. Forward Transadmittance vs. Drain Current
0
2
4
6
8
10
12
14
16
18
20
02
46
8
10
12
14
Re (y11) ( mS )
12820
VDS=8V
VG2S=4V
ID=10mA
f=100...1300MHz
f=1300MHz
700MHz
400MHz
1000MHz
100MHz
Figure 10. Short Circuit Input Admittance
–40
–35
–30
–25
–20
–15
–10
–5
0
5
0
4
8
12
16
20
24
28
32
Re (y21) ( mS )
12821
VDS=8V
VG2S=4V
f=100...1300MHz
f=100MHz
1300MHz
1000MHz
400MHz
700MHz
ID=5mA
10mA
20mA
Figure 11. Short Circuit Forward Transfer Admittance
0
1
2
3
4
5
6
7
8
9
0
0.25
0.50
0.75
1.00
1.25
1.50
Re (y22) ( mS )
12822
VDS=15V
VG2S=4V
ID=10mA
f=100...1300MHz
f=1300MHz
1000MHz
400MHz
100MHz
700MHz
Figure 12. Short Circuit Output Admittance


Similar Part No. - BF988

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF988 VISHAY-BF988 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results

Similar Description - BF988

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com