Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-BF250-C1 Datasheet(PDF) 8 Page - Allen-Bradley

Part # 194E-BF250-C1
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-BF250-C1 Datasheet(HTML) 8 Page - Allen-Bradley

Back Button 194E-BF250-C1 Datasheet HTML 4Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 5Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 6Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 7Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 8Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 9Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 10Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 11Page - Allen-Bradley 194E-BF250-C1 Datasheet HTML 12Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
10-32
IEC Load Switches
Bulletin 194E
125 Amps to 315 Amps
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for manufacturing purposes.
Front-Installation Box Lugs, 3- and 4-Pole
Switch Body 194E-E
Front-Installation Bolt-on Terminals, 3- and 4-Pole
Switch Body 194E-F
[A]
A
B
C
D
E
F
G
H
I
125
91
(3-19/32)
112
(4-13/32)
36
(1-13/32)
38
(1-1/2)
95
(3-23/64)
88
(3-7/16)
68
(2-5/8)
108
(4-1/4)
M5
(3/16)
160
91
(3-19/32)
112
(4-13/32)
36
(1-13/32)
38
(1-1/2)
95
(3-23/64)
88
(3-7/16)
68
(2-5/8)
108
(4-1/4)
M5
(3/16)
250
103
(4-3/64)
145
(5-23/32)
44
(1-23/32)
52.5
(2-1/16)
185
(7-9/32)
88
(3-7/16)
68
(2-5/8)
120
(4-11/16)
M5
(3/16)
315
103
(4-3/64)
145
(5-23/32)
44
(1-23/32)
52.5
(2-1/16)
185
(7-9/32)
88
(3-7/16)
68
(2-5/8)
120
(4-11/16)
M5
(3/16)
[A]
A
B
C
D
E
F
G
H
I
L
M
N
O
P
125
91
(3-19/32)
112
(4-3/32)
38
(1-1/2)
65.5
(2-9/16)
3
(1/8)
2
(3/32)
36
(1-13/32)
88
(3-7/16)
68
(2-5/8)
10
(13/32)
90
(3-17/32)
64
(2-17/32)
M5
(3/16)
M10
(3/8)
160
91
(3-19/32)
112
(4-3/32)
38
(1-1/2)
65.5
(2-9/16)
3
(1/8)
2
(3/32)
36
(1-13/32)
88
(3-7/16)
68
(2-5/8)
10
(13/32)
90
(3-17/32)
64
(2-17/32)
M5
(3/16)
M10
(3/8)
250
103
(4-3/64)
145
(5-23/32)
52.5
(1-22/32)
60.4
(2-3/8)
4
(5/32)
2
(3/32)
44
(1-23/32)
88
(3-7/16)
68
(2-5/8)
13
(1/2)
100
(3-15/16)
70
(2-3/4)
M5
(3/16)
M12
(15/32)
315
103
(4-3/64)
145
(5-23/32)
52.5
(1-22/32)
60.4
(2-3/8)
4
(5/32)
2
(3/32)
52
(2-1/16)
88
(3-7/16)
68
(2-5/8)
13
(1/2)
100
(3-15/16)
70
(2-3/4)
M5
(3/16)
M12
(15/32)
G
F
H
C
B
A
D
E
2
max.
mm
I
M
L
N
P
G
F
O
H
C
B
A
D
E
I


Similar Part No. - 194E-BF250-C1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-25-C3 ALLEN-BRADLEY-194E-25-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-25-C4 ALLEN-BRADLEY-194E-25-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C3 ALLEN-BRADLEY-194E-40-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C4 ALLEN-BRADLEY-194E-40-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-80-C3 ALLEN-BRADLEY-194E-80-C3 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-BF250-C1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com