Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800Z-GL2125Y-K1 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 800Z-GL2125Y-K1
Description  Zero-Force Touch Buttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800Z-GL2125Y-K1 Datasheet(HTML) 2 Page - Allen-Bradley

  800Z-GL2125Y-K1 Datasheet HTML 1Page - Allen-Bradley 800Z-GL2125Y-K1 Datasheet HTML 2Page - Allen-Bradley 800Z-GL2125Y-K1 Datasheet HTML 3Page - Allen-Bradley 800Z-GL2125Y-K1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Two-Hand Control Devices
11-3
Zero-Force Touch Buttons
800Z General Purpose
Product Selection
Use the configurator below to build an 800Z touch button to suit your application.
Mounting Hole
Size
Input Voltage Range and
Output Type
Guard
Catalogue Number
6ft Cabled—5-Wire
5-Pin Mini QD
5-Pin Micro QD
30.5 mm
Mounting Hole
85...264V AC Input
Relay Output
No Guard
800Z-GF3065
800Z-GF3Q5
Black Guard
800Z-GF3065B
800Z-GF3Q5B
10...40V DC and 20...30V AC Input
Relay Output
No Guard
800Z-GL3065
800Z-GL3Q5
Black Guard
800Z-GL3065B
800Z-GL3Q5B
22.5 mm
Mounting Hole
85...264V AC Input
Relay Output
No Guard
800Z-GF2065
800Z-GF2Q5
Black Guard
800Z-GF2065B
800Z-GF2Q5B
10...40V DC and 20...30V AC Input
Relay Output
No Guard
800Z-GL2065
800Z-GL2Q5
Black Guard
800Z-GL2065B
800Z-GL2Q5B
Recommended standard cordset, 2m (6.5ft). See pages 15-12 and 15-10 for additional lengths..
889N-F5AE-6F
889D-F5AC-2
ac
d
Input Voltage and Output Type
Electrical Connection
Guard Option
Code
Description
Code
Description
Code
Description
Relay Output
Sinking/Sourcing Output ➊
Blank
No Guard
L
Input: 10...40V DC and 20...30V AC
Output: Relay
Q4
4-Pin QD
B
Black Guard
064
6 ft (1.8 m) Cabled
Y
Yellow Guard
F
Input: 85...264V AC Output: Relay
124
12 ft (3.6 m) Cabled
e
Transistor Output
244
24 ft (7.2 m) Cabled
Kit Option ➌
N
10...30V DC; NPN (Sinking) Output
Relay Output ➋
Code
Description
P
10...30V DC; PNP (Sourcing) Output
Q5
5-Pin QD
Blank
No Kit
b
065
1.8m (6ft) Cabled
K1
24V AC/DC Relay Kit
Mounting Hole Size
125
3.6m (12ft) Cabled
K2
120V AC Relay Kit
Code
Description
245
7.2m (24ft) Cabled
K3
240V AC Relay Kit
2
22.5mm (0.88in)
3
30.5mm (1.20in)
➊ These devices are transistor outputs.
➋ These devices have separate N.O. and N.C. output relays with a shared common.
➌ Safety relays should be used in two-hand control applications. Kits not available for solid-state (transistor output) devices. Kits include two identical touch buttons and one
MSR125HP safety relay with removeable terminals.
800Z – G
L
3
065
B
-
ab
c
d
e


Similar Part No. - 800Z-GL2125Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HAG1 ALLEN-BRADLEY-800Z-HAG1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH1 ALLEN-BRADLEY-800Z-HAH1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH2 ALLEN-BRADLEY-800Z-HAH2 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1 ALLEN-BRADLEY-800Z-HF1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1Y ALLEN-BRADLEY-800Z-HF1Y Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
More results

Similar Description - 800Z-GL2125Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
   Momentary Action Optical Touch Buttons
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com