Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800Z-GN2125Y-K1 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 800Z-GN2125Y-K1
Description  Zero-Force Touch Buttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800Z-GN2125Y-K1 Datasheet(HTML) 4 Page - Allen-Bradley

  800Z-GN2125Y-K1 Datasheet HTML 1Page - Allen-Bradley 800Z-GN2125Y-K1 Datasheet HTML 2Page - Allen-Bradley 800Z-GN2125Y-K1 Datasheet HTML 3Page - Allen-Bradley 800Z-GN2125Y-K1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Two-Hand Control Devices
11-5
Zero-Force Touch Buttons
800Z General Purpose
Approximate Dimensions—mm (inches)
Typical Wiring Diagram
Applications Details
LED Blink Rate
Diagnostic
Description
** ** **
Power Up
Device touched during power-up. Device will resume 10 seconds after removal of hand.
*** *** ***
Noise Detection
Device detected an unacceptable level of noise (>20V/m). Device will resume once noise
subsides.
**** **** ****
Margin Detection
A conductive film is building up on the sensing surface. Device will resume once cleared.
General Purpose with Guards
48.3
(1.90)
69.9 (2.75)
40.9
(1.61)
30mm
Version
39.4
(1.55)
Mini Quick
Disconnect
30mm
Version
22.4
(0.88)
Cable
40.9
(1.61)
40.9
(1.61)
22mm
Version
35.1
(1.38)
Micro Quick
Disconnect
22mm
Version
22.4
(0.88)
Cable
40.9
(1.61)
56.9
(2.24)
129.3 (5.09)
129.3 (5.09)
110.3
(4.34)
General Purpose
( + )
( - )
( + )
( - )
Electrical Connections: 10...40V DC and 20...30V AC Input Voltage (Relay Output); 85...264V AC Input Voltage (Relay Output)
Note: Separate N.O. and N.C. output relays with shared common.
Electrical Connections: 10...30V DC Input Voltage (Transistor Output); 150mA max. per circuit output
5 Conductor Cabled (Relay Output) for 800Z-GL_ _ _
4 Conductor Cabled Sinking (NPN)
4 Conductor Cabled Sourcing (NPN)
Brown (+) L1
Blue (-) L2
Black (N.O.)
White (N.C.)
Gray (Common)
Black (N.O.)
White (N.C.)
Load
Brown (+)
Blue (-)
Load
Black (N.O.)
White (N.C.)
Load
Brown (+)
Blue (-)
Load


Similar Part No. - 800Z-GN2125Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HAG1 ALLEN-BRADLEY-800Z-HAG1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH1 ALLEN-BRADLEY-800Z-HAH1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HAH2 ALLEN-BRADLEY-800Z-HAH2 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1 ALLEN-BRADLEY-800Z-HF1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
800Z-HF1Y ALLEN-BRADLEY-800Z-HF1Y Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
More results

Similar Description - 800Z-GN2125Y-K1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
   Momentary Action Optical Touch Buttons
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com