Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF996S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BF996S
Description  N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF996S Datasheet(HTML) 4 Page - Vishay Siliconix

  BF996S Datasheet HTML 1Page - Vishay Siliconix BF996S Datasheet HTML 2Page - Vishay Siliconix BF996S Datasheet HTML 3Page - Vishay Siliconix BF996S Datasheet HTML 4Page - Vishay Siliconix BF996S Datasheet HTML 5Page - Vishay Siliconix BF996S Datasheet HTML 6Page - Vishay Siliconix BF996S Datasheet HTML 7Page - Vishay Siliconix BF996S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BF996S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
4 (8)
Document Number 85010
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
96 12159
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
4
8
12
16
20
24
28
32
02468
10
12
14
16
VDS – Drain Source Voltage ( V )
12849
VG1S= –1V
1V
0
2V
0.5V
VG2S=4V
Ptot=200mW
–0.5V
1.5V
Figure 2. Drain Current vs. Drain Source Voltage
0
2
4
6
8
10
12
14
16
18
20
22
–1
–0.5
0.0
0.5
1.0
1.5
VG1S – Gate 1 Source Voltage ( V )
12851
VG2S= –1V
5V 4V
0
2V
1V
3V
VDS= 15V
6V
0.5V
Figure 3. Drain Current vs. Gate 1 Source Voltage
0
2
4
6
8
10
12
14
16
18
20
22
–1
–0.5
0.0
0.5
1.0
1.5
VG2S – Gate 2 Source Voltage ( V )
12852
VG1S= –1V
0
2V
1V
3V
VDS= 15V
5V
4V
Figure 4. Drain Current vs. Gate 2 Source Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–1
–0.5
0.0
0.5
1.0
1.5
ID – Drain Current ( mA )
12853
VDS=15V
VG2S=4V
f=1MHz
Figure 5. Gate 1 Input Capacitance vs. Drain Current
0
0.5
1.0
1.5
2.0
2.5
3.0
–2
–1
01
23
45
VG2S – Gate 2 Source Voltage ( V )
12854
VDS=15V
VG1S=0
f=1MHz
Figure 6. Gate 2 Input Capacitance vs.
Gate 2 Source Voltage


Similar Part No. - BF996S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Siemens Semiconductor G...
BF996S SIEMENS-BF996S Datasheet
135Kb / 8P
   Silicon N Channel MOSFET Tetrode (For input stages in UHF TV tuners High transconductance Low noise figure)
logo
TEMIC Semiconductors
BF996S TEMIC-BF996S Datasheet
68Kb / 5P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
logo
NXP Semiconductors
BF996S NXP-BF996S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF996S JMNIC-BF996S Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
More results

Similar Description - BF996S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com