Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010B-2PQ84C Datasheet(PDF) 3 Page - Actel Corporation

Part # A1010B-2PQ84C
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-2PQ84C Datasheet(HTML) 3 Page - Actel Corporation

  A1010B-2PQ84C Datasheet HTML 1Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 2Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 3Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 4Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 5Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 6Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 7Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 8Page - Actel Corporation A1010B-2PQ84C Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1-285
ACT 1 Series FPGAs
source 10 mA at TTL levels. See Electrical Specifications for
additional I/O buffer specifications.
Device Organization
ACT 1 devices consist of a matrix of logic modules arranged in
rows separated by wiring channels. This array is surrounded
by a ring of peripheral circuits including I/O buffers,
testability circuits, and diagnostic probe circuits providing
real-time diagnostic capability. Between rows of logic
modules are routing channels containing sets of segmented
metal tracks with PLICE antifuses. Each channel has 22
signal tracks. Vertical routing is permitted via 13 vertical
tracks per logic module column. The resulting network allows
arbitrary and flexible interconnections between logic
modules and I/O modules.
Probe Pin
ACT 1 devices have two independent diagnostic probe pins.
These pins allow the user to observe any two internal signals
by entering the appropriate net name in the diagnostic
software. Signals may be viewed on a logic analyzer using
Actel’s Actionprobe® diagnostic tools. The probe pins can
also be used as user-defined I/Os when debugging is finished.
ACT 1 Array Performance
Temperature and Voltage Effects
Worst-case delays for ACT 1 arrays are calculated in the same
manner as for masked array products. A typical delay
parameter is multiplied by a derating factor to account for
temperature, voltage, and processing effects. However, in an
ACT 1 array, temperature and voltage effects are less
dramatic
than
with
masked
devices.
The
electrical
characteristics of module interconnections on ACT 1 devices
remain constant over voltage and temperature fluctuations.
As a result, the total derating factor from typical to
worst-case for a standard speed ACT 1 array is only 1.19 to 1,
compared to 2 to 1 for a masked gate array.
Logic Module Size
Logic module size also affects performance. A mask
programmed gate array cell with four transistors usually
implements only one logic level. In the more complex logic
module (similar to the complexity of a gate array macro) of
an ACT 1 array, implementation of multiple logic levels
within a single module is possible. This eliminates interlevel
wiring and associated RC delays. The effect is termed “net
compression.”
Ordering Information
Application (Temperature Range)
C = Commercial (0 to +70
°C)
I
= Industrial (–40 to +85
°C)
M = Military (–55 to +125
°C)
B = MIL-STD-883
Package Type
PL
= Plastic J-Leaded Chip Carriers
PQ
= Plastic Quad Flatpacks
CQ
= Ceramic Quad Flatpack
PG
= Ceramic Pin Grid Array
VQ
= Very Thin Quad Flatpack
Speed Grade
Blank = Standard Speed
–1
= Approximately 15% faster than Standard
–2
= Approximately 25% faster than Standard
–3
= Approximately 35% faster than Standard
Part Number
A1010
= 1200 Gates (5 V)
A1020
= 2000 Gates (5 V)
A10V10 = 1200 Gates (3.3 V)
A10V20 = 2000 Gates (3.3 V)
Die Revision
B = 1.0 micron CMOS Process
Package Lead Count
A1010
B
2
PL
84
C


Similar Part No. - A1010B-2PQ84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results

Similar Description - A1010B-2PQ84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com