Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG93A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFG93A
Description  Silicon NPN Planar RF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFG93A Datasheet(HTML) 1 Page - Vishay Siliconix

  BFG93A Datasheet HTML 1Page - Vishay Siliconix BFG93A Datasheet HTML 2Page - Vishay Siliconix BFG93A Datasheet HTML 3Page - Vishay Siliconix BFG93A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BFG93A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 1, 11-Nov-99
1 (4)
Document Number 85076
Silicon NPN Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
RF amplifier up to GHz range.
Features
D High power gain
D Low noise figure
D High transition frequency
13 579
21
4
3
94 9279
BFG93A Marking: R8
Plastic case (SOT 143)
1 = Collector, 2 = Base, 3 = Emitter, 4 = Emitter
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
2
V
Collector current
IC
50
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthJA
450
K/W


Similar Part No. - BFG93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
   NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A Datasheet
103Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 08-Sep-08
logo
NXP Semiconductors
BFG93A NXP-BFG93A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG93A-X NXP-BFG93A-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG93A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com