Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010B-1PL84I Datasheet(PDF) 5 Page - Actel Corporation

Part # A1010B-1PL84I
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-1PL84I Datasheet(HTML) 5 Page - Actel Corporation

  A1010B-1PL84I Datasheet HTML 1Page - Actel Corporation A1010B-1PL84I Datasheet HTML 2Page - Actel Corporation A1010B-1PL84I Datasheet HTML 3Page - Actel Corporation A1010B-1PL84I Datasheet HTML 4Page - Actel Corporation A1010B-1PL84I Datasheet HTML 5Page - Actel Corporation A1010B-1PL84I Datasheet HTML 6Page - Actel Corporation A1010B-1PL84I Datasheet HTML 7Page - Actel Corporation A1010B-1PL84I Datasheet HTML 8Page - Actel Corporation A1010B-1PL84I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1-287
ACT 1 Series FPGAs
Pin Description
CLK
Clock (Input)
TTL Clock input for global clock distribution network. The
Clock input is buffered prior to clocking the logic modules.
This pin can also be used as an I/O.
DCLK
Diagnostic Clock (Input)
TTL
Clock
input
for
diagnostic
probe
and
device
programming. DCLK is active when the MODE pin is HIGH.
This pin functions as an I/O when the MODE pin is LOW.
GND
Ground
Input LOW supply voltage.
I/O
Input/Output (Input, Output)
I/O pin functions as an input, output, three-state, or
bidirectional buffer. Input and output levels are compatible
with standard TTL and CMOS specifications. Unused I/O pins
are automatically driven LOW by the ALS software.
MODE
Mode (Input)
The MODE pin controls the use of multifunction pins (DCLK,
PRA, PRB, SDI). When the MODE pin is HIGH, the special
functions are active. When the MODE pin is LOW, the pins
function as I/O. To provide Actionprobe capability, the MODE
pin should be terminated to GND through a 10K resistor so
that the MODE pin can be pulled high when required.
NC
No Connection
This pin is not connected to circuitry within the device.
Absolute Maximum Ratings 1
Free air temperature range
PRA
Probe A (Output)
The Probe A pin is used to output data from any user-defined
design node within the device. This independent diagnostic
pin is used in conjunction with the Probe B pin to allow
real-time diagnostic output of any signal path within the
device. The Probe A pin can be used as a user-defined I/O
when debugging has been completed. The pin’s probe
capabilities can be permanently disabled to protect the
programmed design’s confidentiality. PRA is active when the
MODE pin is HIGH. This pin functions as an I/O when the
MODE pin is LOW.
PRB
Probe B (Output)
The Probe B pin is used to output data from any user-defined
design node within the device. This independent diagnostic
pin is used in conjunction with the Probe A pin to allow
real-time diagnostic output of any signal path within the
device. The Probe B pin can be used as a user-defined I/O
when debugging has been completed. The pin’s probe
capabilities can be permanently disabled to protect the
programmed design’s confidentiality. PRB is active when the
MODE pin is HIGH. This pin functions as an I/O when the
MODE pin is LOW.
SDI
Serial Data Input (Input)
Serial
data
input
for
diagnostic
probe
and
device
programming. SDI is active when the MODE pin is HIGH. This
pin functions as an I/O when the MODE pin is LOW.
VCC
Supply Voltage
Input HIGH supply voltage.
Recommended Operating Conditions
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage2
–0.5 to +7.0
Volts
VI
Input Voltage
–0.5 to VCC +0.5
Volts
VO
Output Voltage
–0.5 to VCC +0.5
Volts
IIO
I/O Sink/Source
Current3
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1.
Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may
affect device reliability. Device should not be operated outside
the Recommended Operating Conditions.
2.
VPP = VCC , except during device programming.
3.
Device inputs are normally high impedance and draw
extremely low current. However, when input voltage is greater
than VCC + 0.5 V or less than GND – 0.5 V, the internal protection
diode will be forward biased and can draw excessive current.
Parameter
Commercial
Industrial
Military
Units
Temperature
Range1
0 to
+70
–40 to
+85
–55 to
+125
°C
Power Supply
Tolerance
±5
±10
±10
%VCC
Note:
1.
Ambient temperature (TA) used for commercial and industrial;
case temperature (TC) used for military.


Similar Part No. - A1010B-1PL84I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1010B-1PL84I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com