Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCFX Datasheet(PDF) 2 Page - Linear Technology

Part # LCFX
Description  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 2 Page - Linear Technology

  LCFX Datasheet HTML 1Page - Linear Technology LCFX Datasheet HTML 2Page - Linear Technology LCFX Datasheet HTML 3Page - Linear Technology LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
2
3585f
VIN Voltage................................................................16V
VBATT Voltage ............................................................16V
SW Voltage ...............................................................60V
SW Pin Negative Current...........................................–1A
CHRG/IADJ Voltage...................................................10V
IGBTPWR Voltage .....................................................10V
IGBTIN Voltage .........................................................10V
IGBTPU Voltage ........................................................10V
IGBTPD Voltage ........................................................10V
DONE Voltage ...........................................................10V
Current Into DONE Pin ............................... 0.2mA/–1mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range (Note 2) ... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VBAT = VCHRG = 3V unless otherwise noted (Note 2). Specifications
are for the LT3585-0, LT3585-1, LT3585-2, LT3585-3 unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
VCHRG = 3V, Not Switching
VCHRG = 0V, In Shutdown
5
0
8
1
mA
µA
VIN Voltage Range
2.5
16
V
VBAT Voltage Range
1.5
16
V
Switch Current Limit
LT3585-3 (Note 3)
LT3585-0 (Note 3)
LT3585-2 (Note 3)
LT3585-1 (Note 3)
1.55
1.1
0.75
0.45
1.7
1.2
0.85
0.55
1.85
1.3
0.95
0.65
A
A
A
A
Switch VCESAT
LT3585-3, ISW = 1.4A
LT3585-0, ISW = 1A
LT3585-2, ISW = 700mA
LT3585-1, ISW = 400mA
485
330
230
140
mV
mV
mV
mV
VOUT Comparator Trip Voltage
Measured as VSW – VBAT
31
30.5
31.5
31.5
32
32.5
V
V
VOUT Comparator Overdrive
300ns Pulse Width
200
400
mV
DCM Comparator Trip Voltage
Measured as VSW – VBAT
80
130
180
mV
CHRG/IADJ Pin Current
VCHRG = 3V
VCHRG = 0V
45
0
70
0.1
µA
µA
Switch Leakage Current
VBAT = VSW = 5V, In Shutdown
0.01
1
µA
CHRG/IADJ Minimum Enable Voltage
1.1
V
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
× 2mm) PLASTIC DFN
IGBTIN
IGBTPWR
GND
VIN
VBAT
IGBTPU
IGBTPD
SW
CHRG/IADJ
DONE
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DDB PART MARKING
LT3585EDDB-0
LT3585EDDB-1
LT3585EDDB-2
LT3585EDDB-3
LCLK
LCLJ
LCLH
LCFX
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LCFX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
   LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
logo
M-System Co.,Ltd.
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Vishay Siliconix
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
148Kb / 14P
   10.2" Color TFT Display
01-Jan-2022
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
149Kb / 14P
   10.2" Color TFT Display
01-Jan-2023
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H_V01 Datasheet
149Kb / 14P
   10.2" Color TFT Display
01-Jan-2023
More results

Similar Description - LCFX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3585-3 LINER-LT3585-3_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-2 LINER-LT3585-2_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-1 LINER-LT3585-1_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-0 LINER-LT3585-0_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
logo
ON Semiconductor
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Vishay Siliconix
VOD3120AG VISHAY-VOD3120AG_V01 Datasheet
223Kb / 13P
   2.5 A Output Current IGBT and MOSFET DriverS
01-Jan-2022
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
NCD5701 ONSEMI-NCD5701 Datasheet
465Kb / 20P
   High Current IGBT Gate Drivers
August, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com