Electronic Components Datasheet Search |
|
2SJ287 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2SJ287 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
1 / 1 page SMD Type MOSFET 1 www.kexin.com.cn 1.80+0.1 -0.1 4.50+0.1 -0.1 0.53+0.1 -0.1 0.48+0.1 -0.1 1.50+0.1 -0.1 0.44+0.1 -0.1 3.00+0.1 -0.1 SOT-89 Unit: mm 1. Base 2. Collector 3. Emiitter 1. Source 2. Drain 3. Gate 1 2 3 1Gate 2Drain 3Source P-Channel MOS Silicon FET 2SJ287 Features Low on resistance Very high-speed switching Low-voltage drive Absolute Maximum Ratings Ta = 25 Parameter Symbol Rating Unit Draintosourcevoltage VGS=0 VDSS -30 V Gate to source voltage VDS=0 VGSS 15 V Drain current (DC) ID -500 m A Drain current(pulse) * ID -2 A Power dissipation PD 3.5 W Channel temperature Tch 150 Storage temperature Tstg -55 to +150 *PW 10 s; d 1%. Marking Marking JD Electrical Characteristics Ta = 25 Parameter Symbol Testconditons Min Typ Max Unit Drain cut-off current IDSS VDS=-30V,VGS=0 -100 A Gate leakage current IGSS VGS= 12V,VDS=0 10 A Gate cut-off voltage VGS(off) VDS=-10V,ID=-1mA -1.0 -2.0 V Forward transfer admittance Yfs VDS=-10V,ID=-250mA 240 400 ms VGS=-10V,ID=-250mA 1.5 2.2 VGS=-4V,ID=-250mA 2.2 3.3 Input capacitance Ciss 50 pF Output capacitance Coss 35 pF Reverse transfer capacitance Crss 10 pF Turn-on delay time td(on) 7ns Rise time tr 10 ns Turn-off delay time td(off) 35 ns Fall time tf 20 ns VDS=-10V,VGS=0,f=1MHZ VDD=-15V,ID=--250mA RL=60 Drain to source on-state resistance RDS(on) |
Similar Part No. - 2SJ287 |
|
Similar Description - 2SJ287 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |