Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225A-2PG176M Datasheet(PDF) 2 Page - Actel Corporation

Part # A1225A-2PG176M
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1225A-2PG176M Datasheet(HTML) 2 Page - Actel Corporation

  A1225A-2PG176M Datasheet HTML 1Page - Actel Corporation A1225A-2PG176M Datasheet HTML 2Page - Actel Corporation A1225A-2PG176M Datasheet HTML 3Page - Actel Corporation A1225A-2PG176M Datasheet HTML 4Page - Actel Corporation A1225A-2PG176M Datasheet HTML 5Page - Actel Corporation A1225A-2PG176M Datasheet HTML 6Page - Actel Corporation A1225A-2PG176M Datasheet HTML 7Page - Actel Corporation A1225A-2PG176M Datasheet HTML 8Page - Actel Corporation A1225A-2PG176M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ACT 2 Fam i l y FP G A s
2v4.0
De sc r i pt i o n
The ACT™ 2 family represents Actel’s second generation of
field programmable gate arrays (FPGAs). The ACT 2 family
presents a two-module architecture, consisting of C-modules
and S-modules. These modules are optimized for both
combinatorial and sequential designs. Based on Actel’s
patented channeled array architecture, the ACT 2 family
provides significant enhancements to gate density and
performance while maintaining downward compatibility
with
the
ACT
1
design
environment
and
upward
compatibility with the ACT 3 design environment. The
devices are implemented in silicon gate, 1.0-µm, two-level
metal
CMOS,
and
employ
Actel’s PLICE
®
antifuse
technology. This revolutionary architecture offers gate array
design flexibility, high performance, and fast
time-to-production with user programming. The ACT 2
family is supported by the Designer and Designer Advantage
Systems, which offers automatic pin assignment, validation
of electrical and design rules, automatic placement and
routing, timing analysis, user programming, and diagnostic
probe capabilities. The systems are supported on the
following platforms: 386/486™ PC, Sun, and HP
workstations. The systems provide CAE interfaces to the
following
design
environments:
Cadence,
Viewlogic®,
Mentor Graphics
®, and OrCAD™.
O r de rin g I n fo rm a t io n
Application (Temperature Range)
C = Commercial (0 to +70°C)
I
= Industrial (–40 to +85°C)
M = Military (–55 to +125°C)
B = MIL-STD-883
Package Type
PL = Plastic J-Leaded Chip Carrier
PQ = Plastic Quad Flat Pack
CQ = Ceramic Quad Flat Pack
PG = Ceramic Pin Grid Array
TQ = Thin (1.4 mm) Quad Flat Pack
VQ = Very Thin (1.0 mm) Quad Flat Pack
Speed Grade
Blank = Standard Speed
–1 = Approximately 15% faster than Standard
–2 = Approximately 25% faster than Standard
Part Number
A1225 = 2500 Gates
A1240 = 4000 Gates
A1280 = 8000 Gates
Die Revision
A = 1.0-µm CMOS process
Package Lead Count
A1280
PG
176
C
1
A


Similar Part No. - A1225A-2PG176M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-2PG176M MICROSEMI-A1225A-2PG176M Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1225A-2PG176M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com