Electronic Components Datasheet Search |
|
A1225A-1PL176B Datasheet(PDF) 2 Page - Actel Corporation |
|
A1225A-1PL176B Datasheet(HTML) 2 Page - Actel Corporation |
2 / 38 page ACT ™ 2 Fam i l y FP G A s 2v4.0 De sc r i pt i o n The ACT™ 2 family represents Actel’s second generation of field programmable gate arrays (FPGAs). The ACT 2 family presents a two-module architecture, consisting of C-modules and S-modules. These modules are optimized for both combinatorial and sequential designs. Based on Actel’s patented channeled array architecture, the ACT 2 family provides significant enhancements to gate density and performance while maintaining downward compatibility with the ACT 1 design environment and upward compatibility with the ACT 3 design environment. The devices are implemented in silicon gate, 1.0-µm, two-level metal CMOS, and employ Actel’s PLICE ® antifuse technology. This revolutionary architecture offers gate array design flexibility, high performance, and fast time-to-production with user programming. The ACT 2 family is supported by the Designer and Designer Advantage Systems, which offers automatic pin assignment, validation of electrical and design rules, automatic placement and routing, timing analysis, user programming, and diagnostic probe capabilities. The systems are supported on the following platforms: 386/486™ PC, Sun™, and HP™ workstations. The systems provide CAE interfaces to the following design environments: Cadence, Viewlogic®, Mentor Graphics ®, and OrCAD™. O r de rin g I n fo rm a t io n Application (Temperature Range) C = Commercial (0 to +70°C) I = Industrial (–40 to +85°C) M = Military (–55 to +125°C) B = MIL-STD-883 Package Type PL = Plastic J-Leaded Chip Carrier PQ = Plastic Quad Flat Pack CQ = Ceramic Quad Flat Pack PG = Ceramic Pin Grid Array TQ = Thin (1.4 mm) Quad Flat Pack VQ = Very Thin (1.0 mm) Quad Flat Pack Speed Grade Blank = Standard Speed –1 = Approximately 15% faster than Standard –2 = Approximately 25% faster than Standard Part Number A1225 = 2500 Gates A1240 = 4000 Gates A1280 = 8000 Gates Die Revision A = 1.0-µm CMOS process Package Lead Count A1280 – PG 176 C 1 A |
Similar Part No. - A1225A-1PL176B |
|
Similar Description - A1225A-1PL176B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |