Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ325 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ325
Description  MOS Field Effect Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ325 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ325 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ325 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1Gate
2Drain
3Source
MOS Field Effect Power Transistors
2SJ325
Features
Low on-state resistance
RDS(on)=83m
(VGS=-10V,ID=-2A)
RDS(on)=0.15
(VGS=-4V,ID=-1.6A)
Built-in G-S Gate Protection Diode
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
-30
V
Gate to source voltage (DC)
VGSS
-20,+10
V
Gate to source voltage (AC)
VGSS
20
V
Drain current (DC)
ID
4.0
A
Drain current(pulse) *
ID
16
A
Power dissipation
TC=25
20
W
TA=25
1.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s; d
1%.
PD


Similar Part No. - 2SJ325

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ325 NEC-2SJ325 Datasheet
386Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SJ325 RENESAS-2SJ325 Datasheet
1Mb / 8P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SJ325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
   MOS Field Effect Power Transistors
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
   MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
   MOS Field Effect Power Transistors
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
   POWER MOS FIELD EFFECT TRANSISTORS
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
   MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
   POWER MOS FIELD-EFFECT TRANSISTORS
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
   Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1996
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
List of Unclassifed Man...
RFH30N12 ETC-RFH30N12 Datasheet
432Kb / 8P
   POWER MOS FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com