Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP181TRW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFP181TRW
Description  Silicon NPN Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP181TRW Datasheet(HTML) 3 Page - Vishay Siliconix

  BFP181TRW Datasheet HTML 1Page - Vishay Siliconix BFP181TRW Datasheet HTML 2Page - Vishay Siliconix BFP181TRW Datasheet HTML 3Page - Vishay Siliconix BFP181TRW Datasheet HTML 4Page - Vishay Siliconix BFP181TRW Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFP181T / BFP181TW / BFP181TRW
Document Number 85012
Rev. 1.4, 02-Mar-05
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 3 V, IC = 6 mA,
f = 500 MHz
fT
6.8
GHz
VCE = 8 V, IC = 10 mA,
f = 500 MHz
fT
8.0
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.45
pF
Noise figure
VCE = 5 V, IC = 3 mA, ZS = ZSopt,
f = 900 MHz
F1.5
dB
VCE = 5 V, IC = 3 mA, ZS = ZSopt,
f = 1.75 GHz
F2.2
dB
Power gain
VCE = 8 V, IC = 8 mA, ZS = 50 Ω,
ZL = ZLopt, f = 900 MHz
Gpe
16.5
dB
VCE = 8 V, IC = 8 mA, ZS = 50 Ω,
ZL = ZLopt, f = 1.75 GHz
Gpe
13.5
dB
Transducer gain
VCE = 8 V, IC = 8 mA, Z0 = 50 Ω,
f = 900 MHz
|S21e|
2
16
dB
Mounting Pad Layout
96 12240
0.50(0.020)
0.35 (0.014)
1.8 (0.070)
1.6 (0.062)
0.9 (0.035)
0.75 (0.029)
2.0 (0.078)
1.8 (0.070)
3.0 (0.117)
2.8 (0.109)
0.15 (0.006)
0.08 (0.003)
1.1 (0.043)
0.9 (0.035)
0...0.1 (0...0.004)
ISO Method E
0.65 (0.025)
1.17 (0.046)


Similar Part No. - BFP181TRW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
logo
Infineon Technologies A...
BFP181 INFINEON-BFP181 Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
Jun-21-2001
BFP181 INFINEON-BFP181 Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
2007-03-29
BFP181 INFINEON-BFP181 Datasheet
553Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-10-15
logo
Siemens Semiconductor G...
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
More results

Similar Description - BFP181TRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com