Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010B-1VQ84B Datasheet(PDF) 2 Page - Actel Corporation

Part # A1010B-1VQ84B
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-1VQ84B Datasheet(HTML) 2 Page - Actel Corporation

  A1010B-1VQ84B Datasheet HTML 1Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 2Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 3Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 4Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 5Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 6Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 7Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 8Page - Actel Corporation A1010B-1VQ84B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1-284
The systems are available for 386/486/PentiumPC and for
HPand Sunworkstations and for running Viewlogic®,
Mentor Graphics®, Cadence, OrCAD, and Synopsys
design environments.
ACT 1 Device Structure
A partial view of an ACT 1 device (Figure 1) depicts four logic
modules and distributed horizontal and vertical interconnect
tracks. PLICE antifuses, located at intersections of the
horizontal and vertical tracks, connect logic module inputs
and outputs. During programming, these antifuses are
addressed and programmed to make the connections
required by the circuit application.
The ACT 1 Logic Module
The ACT 1 logic module is an 8-input, one-output logic circuit
chosen for the wide range of functions it implements and for
its efficient use of interconnect routing resources (Figure 2).
The logic module can implement the four basic logic
functions (NAND, AND, OR, and NOR) in gates of two, three,
or four inputs. Each function may have many versions, with
different combinations of active-low inputs. The logic module
can also implement a variety of D-latches, exclusivity
functions, AND-ORs, and OR-ANDs. No dedicated hardwired
latches or flip-flops are required in the array, since latches
and flip-flops may be constructed from logic modules
wherever needed in the application.
I/O Buffers
Each I/O pin is available as an input, output, three-state, or
bidirectional buffer. Input and output levels are compatible
with standard TTL and CMOS specifications. Outputs sink or
Figure 1 • Partial View of an ACT 1 Device
Figure 2 • ACT 1 Logic Module


Similar Part No. - A1010B-1VQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-1PG84B ACTEL-A1010B-1PG84B Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PG84B ACTEL-A1010B-1PG84B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1010B-1VQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com