Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1240A-2TQ176I Datasheet(PDF) 6 Page - Actel Corporation

Part # A1240A-2TQ176I
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1240A-2TQ176I Datasheet(HTML) 6 Page - Actel Corporation

Back Button A1240A-2TQ176I Datasheet HTML 2Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 3Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 4Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 5Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 6Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 7Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 8Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 9Page - Actel Corporation A1240A-2TQ176I Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ACT 2 Fam i l y FP G A s
6v4.0
and load device inputs. An additional component of the
active power dissipation is the totem-pole current in CMOS
transistor pairs. The net effect can be associated with an
equivalent capacitance that can be combined with
frequency and voltage to represent active power dissipation.
E qui v a l ent C apac i t ance
The power dissipated by a CMOS circuit can be expressed by
the Equation 1.
Power (
µW) = CEQ * VCC2 * F
(1)
Where:
CEQ is the equivalent capacitance expressed in pF.
VCC is the power supply in volts.
F is the switching frequency in MHz.
Equivalent capacitance is calculated by measuring ICC
active at a specified frequency and voltage for each circuit
component of interest. Measurements have been made over
a range of frequencies at a fixed value of VCC. Equivalent
capacitance is frequency independent so that the results
may be used over a wide range of operating conditions.
Equivalent capacitance values are shown below.
C EQ Va lues f or Ac tel F PGA s
Modules (CEQM)5.8
Input Buffers (CEQI)
12.9
Output Buffers (CEQO)
23.8
Routed Array Clock Buffer Loads (CEQCR)3.9
To calculate the active power dissipated from the complete
design, the switching frequency of each part of the logic
must be known. Equation 2 shows a piece-wise linear
summation over all components.
Power = VCC
2 * [(m * C
EQM* fm)modules +(n * CEQI* fn)inputs
+ (p * (CEQO+ CL) * fp)outputs + 0.5 * (q1 * CEQCR *
fq1)routed_Clk1 + (r1 * fq1)routed_Clk1 + 0.5 * (q2 * CEQCR *
fq2)routed_Clk2
+ (r2 * fq2)routed_Clk2](2)
Where:
Fi xed Ca paci ta nce Val ues fo r Act e l FP GA s
(pF )
r1
r2
Device Type
routed_Clk1
routed_Clk2
A1225A
106
106.0
A1240A
134
134.2
A1280A
168
167.8
D e t e rm i n i n g A v e ra ge S w i t chi ng F re quenc y
To determine the switching frequency for a design, you must
have a detailed understanding of the data input values to
the circuit. The following guidelines are meant to represent
worst-case scenarios so that they can be generally used to
predict the upper limits of power dissipation. These
guidelines are as follows:
m
= Number of logic modules switching at fm
n
= Number of input buffers switching at fn
p
= Number of output buffers switching at fp
q1
= Number of clock loads on the first routed array
clock
q2
= Number of clock loads on the second routed
array clock
r1
= Fixed capacitance due to first routed array
clock
r2
= Fixed capacitance due to second routed array
clock
CEQM = Equivalent capacitance of logic modules in pF
CEQI
= Equivalent capacitance of input buffers in pF
CEQO
= Equivalent capacitance of output buffers in pF
CEQCR = Equivalent capacitance of routed array clock in
pF
CL
= Output lead capacitance in pF
fm
= Average logic module switching rate in MHz
fn
= Average input buffer switching rate in MHz
fp
= Average output buffer switching rate in MHz
fq1
= Average first routed array clock rate in MHz
fq2
= Average second routed array clock rate in MHz
Logic Modules (m)
80% of modules
Inputs switching (n)
# inputs/4
Outputs switching (p)
# outputs/4
First routed array clock loads (q1)
40%of
sequential
modules
Second routed array clock loads (q2)
40%of
sequential
modules
Load capacitance (CL)
35 pF
Average logic module switching rate (fm)F/10
Average input switching rate (fn)F/5
Average output switching rate (fp)F/10
Average first routed array clock rate (fq1)F
Average second routed array clock rate
(fq2)
F/2


Similar Part No. - A1240A-2TQ176I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1240A-2TQ176I MICROSEMI-A1240A-2TQ176I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1240A-2TQ176I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com