Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4356-1
Description  Overvoltage Protection Regulator and Inrush Limiter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356-1 Datasheet(HTML) 2 Page - Linear Technology

  LT4356-1 Datasheet HTML 1Page - Linear Technology LT4356-1 Datasheet HTML 2Page - Linear Technology LT4356-1 Datasheet HTML 3Page - Linear Technology LT4356-1 Datasheet HTML 4Page - Linear Technology LT4356-1 Datasheet HTML 5Page - Linear Technology LT4356-1 Datasheet HTML 6Page - Linear Technology LT4356-1 Datasheet HTML 7Page - Linear Technology LT4356-1 Datasheet HTML 8Page - Linear Technology LT4356-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT4356-1
2
43561fd
VCC, SHDN................................................ –60V to 100V
SNS..............................VCC –30V or –60V to VCC + 0.3V
OUT, AOUT, FLT, EN.....................................– 0.3V to 80V
GATE (Note 3) ................................ – 0.3V to VOUT + 10V
FB, TMR, IN+................................................– 0.3V to 6V
AOUT, EN, FLT .........................................................–3mA
(Notes 1 and 2)
12
11
10
9
8
7
13
1
2
3
4
5
6
IN+
AOUT
GND
EN
FLT
SHDN
TMR
FB
OUT
GATE
SNS
VCC
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
FB
OUT
GATE
SNS
VCC
10
9
8
7
6
TMR
GND
EN
FLT
SHDN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
Operating Temperature Range
LT4356C-1 ............................................... 0°C to 70°C
LT4356I-1 ............................................–40°C to 85°C
LT4356H-1 .........................................–40°C to 125°C
Storage Temperature Range
DE12..................................................–65°C to 125°C
MS .....................................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec, MS10)....... 300°C
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4356CDE-1#PBF
LT4356CDE-1#TRPBF
43561
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-1#PBF
LT4356IDE-1#TRPBF
43561
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-1#PBF
LT4356HDE-1#TRPBF
43561
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT4356CMS-1#PBF
LT4356CMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
0°C to 70°C
LT4356IMS-1#PBF
LT4356IMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
–40°C to 85°C
LT4356HMS-1#PBF
LT4356HMS-1#TRPBF
LTCNS
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4356CDE-1
LT4356CDE-1#TR
43561
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-1
LT4356IDE-1#TR
43561
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-1
LT4356HDE-1#TR
43561
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT4356CMS-1
LT4356CMS-1#TR
LTCNS
10-Lead Plastic MSOP
0°C to 70°C
LT4356IMS-1
LT4356IMS-1#TR
LTCNS
10-Lead Plastic MSOP
–40°C to 85°C
LT4356HMS-1
LT4356HMS-1#TR
LTCNS
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION


Similar Part No. - LT4356-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LT4356-1 LINER-LT4356-1 Datasheet
289Kb / 24P
   Surge Stopper with Ideal Diode
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LT4356-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
MAX6495EVKIT MAXIM-MAX6495EVKIT Datasheet
195Kb / 7P
   Selectable Overvoltage Mode and Overvoltage Limiter Mode
Rev 2; 12/06
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com