Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5500EGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT5500EGN
Description  1.8GHz to 2.7GHz Receiver Front End
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5500EGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5500EGN Datasheet HTML 4Page - Linear Technology LT5500EGN Datasheet HTML 5Page - Linear Technology LT5500EGN Datasheet HTML 6Page - Linear Technology LT5500EGN Datasheet HTML 7Page - Linear Technology LT5500EGN Datasheet HTML 8Page - Linear Technology LT5500EGN Datasheet HTML 9Page - Linear Technology LT5500EGN Datasheet HTML 10Page - Linear Technology LT5500EGN Datasheet HTML 11Page - Linear Technology LT5500EGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT5500
5500f
APPLICATIONS INFORMATION
LO
MIX_IN
LO+
LO
LNA_OUT
LNA_IN
RF OUT
LNA_GND
GND
GS
EN
LT5500
MIX_GND
VCC
*REFER TO FIGURE 6 FOR POWER SUPPLY
PINS BYPASSING RECOMMENDATION
VCC
IF
5500 F03
IF+
VCC
••
T1
IF
RF
C4
100pF
100pF
C17
L3
L5
4.7nH
L7
IF OUTPUT
RF INPUT
L4
100pF
100pF
L2
GAIN
SELECT
ENABLE
LO INPUT
MIXER RF
INPUT
C2
100pF
APPLICATION DEPENDENT
COMPONENT VALUES
RF INPUT
L4
L2
L3
C4
C17
L9
C23
L7
T1
1.8GHz
4.7nH
12nH
4.7nH
220pF
10pF
5.6nH
1.8pF
280MHz IF OUTPUT
2.5GHz
2.7nH
4.7nH
1.8nH
220pF
10pF
2.7nH
1.5pF
BIAS
C23
L9
VCC
15nH
TC8-1 MINI-CIRCUITS
*
Figure 3. Simplified Test Schematic for 1.8GHz and 2.5GHz Applications
An IF transformer can be used to create a single-ended
output. The additional discrete components necessary to
achieve a 50Ω match are tabulated in Figure 3. Alterna-
tively, the discrete solution shown in Figure 4 can be used
to perform differential to single-ended conversion. For
best LO and RF signal suppression at the IF output, a
transformer should be used. If it is desirable to reduce the
gain of the mixer, a resistor between the IF outputs can be
used.
LO Buffer
The LO inputs can be driven either differentially or single
ended. A single-ended configuration is shown along with
example component values in Figure 3. Optionally, the LO
can be driven differentially as shown in Figure 5.
C14
C12
L10
VCC
L11
100pF
5500 F04
13
12
50Ω
IF OUTPUT
LT5500
IF+
IF
IF OUTPUT
L10, L11
C12
C14
280MHz
27nH
3.3pF
2.2pF
Figure 4. Alternative Mixer IF Output Matching
Figure 5. Optional Transformer-Based Differential LO Drive
L3
5500 F05
TX1
4:1
LO INPUT
L3
TX1
2.22GHz
3.3nH
TOKO-BF4
LO INPUT
19
18
LT5500
LO
LO+


Similar Part No. - LT5500EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5500 LINER-LT5500 Datasheet
306Kb / 12P
   1.8GHz to 2.7GHz Receiver Front End
LT5500 LINER-LT5500 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LT5500 LINER-LT5500 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
   1.8GHz to 2.7GHz Receiver Front End
More results

Similar Description - LT5500EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
   1.8GHz to 2.7GHz Receiver Front End
logo
RF Micro Devices
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
   Digital Receiver Front-end
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
   FM RECEIVER FRONT END
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
   RF Front--End Receiver Module
Rev. 0, 07/2020
logo
Mitel Networks Corporat...
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
   RF Front--End Receiver Module
Rev. 0, 05/2020
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
   3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com