Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 5 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT5503
5
5503f
TYPICAL PERFOR A CE CHARACTERISTICS
Modulator Supply Current vs
Supply Voltage
Modulator Shutdown Current vs
Supply Voltage
MODEN Current vs Enable
Voltage
Baseband Frequency Response
I/Q Amplitude = 1VP-P
MODRFIN and MODRFOUT
Return Loss 2.4GHz Matching
Typical SSB Spectrum
VCC1 SUPPLY VOLTAGE (V)
1.8
3.2
4.6
5.3
38
36
34
32
30
28
26
24
22
20
5503 G01
2.5
3.9
TA = 85°C
TA = 25°C
TA = –40°C
VCC1 SUPPLY VOLTAGE (V)
1.8
3.2
4.6
5.3
100
10
1
0.1
5503 G02
2.5
3.9
TA = 85°C
TA = 25°C
TA = –40°C
MODEN = LOW
MODEN VOLTAGE (V)
1.8
3.2
4.6
5.3
220
200
180
160
140
120
100
80
60
40
5503 G03
2.5
3.9
TA = 85°C
TA = –40°C
MODEN = VCC1
TA = 25°C
I, Q INPUT FREQUENCY (MHz)
1
0
–5
–10
–15
–20
–25
–30
–35
–40
5503 G05
0.1
10
IMAGE
CARRIER
DESIRED
SIDEBAND
FREQUENCY (MHz)
2050
–20
–10
2850
5503 G06
–30
–40
2250
2450
2650
0
MODRFOUT
MODRFIN
VCC1 = 3VDC, 2.4GHz matching, MODEN = high, GC1 = GC2 = low (max gain), TA = 25°C, MODRFIN = 2.45GHz at –16dBm, (I–IB) and
(Q–QB) = 100kHz sine at 1VP-P differential, Q leads I by 90°, unless otherwise noted. (Test circuit shown in Figure 2.)
(I/Q Modulator)
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5503 G07
2449.6
2449.8
2450.0
2450.2
2450.4
2450.6
SUPPLY VOLTAGE (V)
1.8
–2
–3
–4
–5
–6
2.4
3.0
3.6
4.2
5503 TA01b
4.8
5.4
PLO1 = –12dBm
PLO2 = –18dBm
BASEBAND = 1VP-P
TA = 25°C
2.45GHz Modulated Output
Power vs Supply Voltage


Similar Part No. - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LT5503 LINER-LT5503 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5503EFE LINER-LT5503EFE Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
Linear Technology
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com